Electronic Components Datasheet Search
  English  ▼

X  

900476 Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # 900476
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900476 Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button 900476 Datasheet HTML 56Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 57Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 58Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 59Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 60Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 61Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 62Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 63Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
Amphenol
60
Glossary
Glossary
INSERTION FORCE:
It’s force resulting when the pin contact get engaged in the socket contact. It’s usually given in Newtons
INSULATOR:
It’s the plastic components located between contacts for multi-part contacts (COAX, TWINAX,
QUADRAX). There could be multiple insulators per contacts.
ELECTRICAL IMPEDANCE (or IMPEDANCE):
Electrical impedance, or simply “impedance,” describes a measure of opposition to alternating
current (AC). Electrical impedance extends the concept of resistance to AC circuits, describing not
only the relative amplitudes of the voltage and current, but also the relative phases. When the
circuit is driven with direct current (DC), there is no distinction between impedance and resistance;
the latter can be thought of as impedance with zero phase angle.
VOLTAGE STANDARD WAVE RATIO (or VSWR):
It’s used to measure the efficiency of a transmission line. The value is expressed as a ratio with 1
(1:1, 2:1, 3:1). A perfect transmission line would be 1:1.
CRIMPING TOOL:
The crimping tool is the tool used to crimp the wire into the contact. It’s usually used with a
additional component called positioner or die sets.
GLOSSARY
FREQUENCY RANGE:
It’s define the better range of frequency in utilisation to obtain the better performance of the
couple cable + contact.
INSERTION LOSS:
It’s the difference between theamount of data has been sent versus the data received.
POSITIONER:
This complementary component of crimping tool is used to guide, locate the crimping area of the
contact during the crimping operation.
DIE SET:
This complementary component of crimping tool defines the hexagonal crimping die.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com