Electronic Components Datasheet Search
  English  ▼

X  

900476 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # 900476
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900476 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button 900476 Datasheet HTML 39Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 40Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 41Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 42Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 43Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 44Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 45Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 46Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
Amphenol
43
QUADRAX CONTACTS
TV SERIES, MIL-DTL-38999 SERIES III / EN3645 / EN4165
CRIMP CONTACTS
EN3155-074 AND -075 CRIMP CONTACTS
Quadrax Contacts
Contact
Size
Cable
Contact Part Number
Crimping Tools
Pin
Socket
Impedance
(Ohms)
Inner conductor
Gauge
Electrical
Protocol
Inner contact Outer contact
8
Draka Fileca F-4703-3, F4704-4,
Filotex ET 2PC236, Filotex ET2PF870,
PIC Wire E50424, ABS0972, Tensolite
23450/04090X-4(LD) Draka Fileca
F-4704-5, ABS1503 KD 24
900496
900361
100
24
Ethernet, 1000
Base-T
Gigabit Ethernet
M22520/2-01
with Positioner
M22520/2-37
or with Daniels
Positioner
K709
M22520/5-01
with Die Set
M22520/5-45
(Location A)
Tensolite NF24Q100, NF24Q100-01,
24443/9P025X-4(LD), S280W502-4,
24443/03130X-4(LD),
24443/C20714X-4(LD),
24450/0120X-4(LD),
NF24-2Q100, TYCO CECRWC-
18664, GORE GSC-01-
81869-01, 24443/03166X-4(LD),
Thermax T956-4T200, Pic Wire
E51424, Thermax MX100Q-24,
NF24Q100-01-200C (Space),
BMS13-72T03C04G024
900330
900338
Tensolite NF22Q100,
NF22Q100-01, Thermax 956-5,
GORE RCN 7688
900410
900411
22
Ethernet (100
Mbps),
1000 Base-T
Gigabit
Ethernet (1 Gbps)
Tensolite NF26Q100, NF26Q100-01,
NF26-2Q100, PIC E51426,
Wirenetics W-3714-379
600514
600516
26
S280W502-4/BMS13-
72T03C04G024
600953
600954
24
Draka Fileca F-4704-6,
Gore RCN 8672
600513
600515
26
Ethernet (100
Mbps),
1000 Base-T
Gigabit
Ethernet (1 Gbps)
Gore RCN8513, JSFY18-3
22
Tensolite NF24Q100, NF24Q100-01
for 2.5 Gbps applications
600951
600952
24
Serial FPDP
Applications
(2.5 Gbps) (Typical
app run at 150 Ohms)
HDMI 1.3
Gore 8647
600955
600956
24
USB2 (28433/02171LX-4)
600987
600958
90
24
USB2.0 (480 Mbps)
Tensolite 24450/03089X-4(LD)
Gore RCN8647
050998
050999
110
IEEE 1394B Firewire
JSFY02-1, JSFY18
600959
600960
IEEE 1394B Firewire
Gore RCN8487, JSFY18
600961
600962
IEEE 1394B Firewire
Tensolite 26473/02006X-4(LD)/Gore
RCN8328 (not for new designs, use
21-033450/1 series)
900327
900337
150
26
Contact
Size
Cable
Contact Part Number
Crimping Tools
Pin
Socket
Impedance
(Ohms)
Inner conductor
Gauge
Electrical
Protocol
Inner contact Outer contact
Proprietary
Standard
Proprietary
Standard
8
ABS1503KD24
600963
EN3155-074M8A
600964
EN3155-075F08A
100
24
Ethernet, 1000 Base-T
Gigabit Ethernet
M22520/2-01
with Positioner
M22520/2-37
or with Daniels
Positioner
K709
M22520/5-01
with Die Set
M22520/5-45
(Location B)
603085
EN3155-074M08
603086
EN3155-075F08
Quadrax Contacts
EN3155
QUALIFIED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com