Electronic Components Datasheet Search
  English  ▼

X  

900476 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # 900476
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900476 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button 900476 Datasheet HTML 28Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 29Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 30Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 31Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 32Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 33Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 34Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 35Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
Amphenol
32
Coaxial Contacts
Coaxial Contacts
75 OHMS COAXIAL CONTACT
MIL-DTL-38999 SERIES I, III / EN3645
75 OHMS SIZE 8 PERFORMANCE
75 OHMS SIZE 8 PRINT CIRCUIT BOARD CONTACTS
IMPEDANCE: 75Ohms
FREQUENCY RANGE: 0 – 3GHz . Meet 3G-SDI standard (SMPTE 424M)
Insulation resistance: 5GΩ min @ 25°C
Dielectric Withstanding Voltage:
1300Vrms Rms @ sea level
250 VRms @ 50 000ft
Contact
Size
Cable
SMPTE
Contact Part Number
Piggy Back
Grommet
SD-SDI
HD-SDI
3G-SDI
PIN
SOCKET
8
RG179B/U
X
X
X
600822
600841
603161
PIC V75268
X
X
X
600830
600836
900472
PIC V76261
X
X
X
PIC 73263
X
X
X
EMTEQ TFLX125-075-01
X
X
X
Contact
Size
Tail Length
SMPTE
Contact Part Number
SD-SDI
HD-SDI
3G-SDI
PIN
SOCKET
8
CI
X
X
X
600889
600909



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com