Electronic Components Datasheet Search
  English  ▼

X  

900476 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # 900476
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900476 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button 900476 Datasheet HTML 59Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 60Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 61Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 62Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 63Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 64Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 65Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 66Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
Cable
Impedance Contact Size
Standard
P/N
Impedance
Match
Most Appropriate
Connector
Contact
Size vs
Cable
Frequency
MIL-DTL-38999
EN3645
EN4165
Series
I
Series
II
Series
III
Standard
RG-58C/U
(M17/028-RG058)
50
8
600901
X
X
X
X
X
RG-58
(M17/155-00001)
50
8
600901
X
X
X
X
X
RG-142B/U
(M17/060-RG142)
50
8
900136
X
X
X
X
X
RG-161/U
70
16
*
M39029/76-424
071094
X
X
X
X
X
X
12
M39029/28-211
900340
X
X
X
X
X
8
900135
X
X
X
X
X
RG-174A/U
(M17/119-RG174)
50
16
*
M39029/76-424
071094
X
X
X
X
X
X
12
M39029/28-211
900340
X
X
X
X
X
8
900135
X
X
X
X
X
RG-178B/U
(M17/093-RG178)
50
16
*
M39029/76-425
070247
X
X
X
X
X
X
12
*
600907
X
X
X
X
X
X
X
RG-179B/U
(M17/094-RG179)
75
16
*
M39029/76-424
071094
X
X
X
X
X
X
12
M39029/28-211
900340
X
X
X
X
X
X
8
*
600822
X (3G-SDI)
X
X
X
X
X
X
8
900135
X
X
X
X
X
RG-180B/U
(M17/095-RG180)
95
6
600757
X
X
X
X
12
*
M39029/28-409
900341
X
X
X
X
X
X
8
M39029/60-367
900130
X
X
X
X
X
RG-187A/U
(M17/094-RG179)
75
16
*
M39029/76-424
071094
X
X
X
X
X
X
12
M39029/28-211
900340
X
X
X
X
X
8
500135
X
X
X
X
X
RG-188A/U
(M17/113-RG316)
50
16
*
M39029/76-424
071094
X
X
X
X
X
X
12
M39029/28-211
900340
X
X
X
X
X
8
900135
X
X
X
X
X
RG-195A/U
(M17/095-RG180)
95
12
*
M39029/28-409
900341
X
X
X
X
X
X
8
900130
X
X
X
X
X
RG-196A/U
(M17/169-00001)
50
16
*
M39029/76-425
070247
X
X
X
X
X
X
RG-223/U
(M17/084-RG223)
50
8
900136
X
X
X
X
X
RG-316/U
(M17/113-RG316)
50
16
*
M39029/76-424
071094
X
X
X
X
X
12
M39029/28-211
900340
X
X
X
X
X
12
*
900384
X
X
X
X
X
X
X
8
900135
X
X
X
X
X
RD-316
50
12
*
M39029/103
900385
X
X
X
X
X
X
X
8
900137
X
X
X
X
X
(M17/152-00001)
50
8
*
M39029/103
900385
X
X
X
X
X
X
X
RG-400
(M17/128-RG400)
50
8
900138
X
X
X
X
X
8
*
600922
12GHz
X
X
X
X
X
X
TFLEX-402
50
8
600923
18GHz
X
X
X
X
X
8
*
600606
26,5GHz
X
X
X
X
X
X
TFLEX-405
50
12
*
600924
65GHz
X
X
X
X
X
X
X
8
600921
18GHz
X
X
X
X
X
8
600600
26,5GHz
X
X
X
X
X
8
*
600920
40GHz
X
X
X
X
X
X
Filotex ET124962
50
12
M39029/103
900385
X
X
X
X
X
X
PAN6422XQ
75
12
600906
X
X
X
X
X
X
Belden RG59 0,8/3,7
75
6
600813
X
X
X
X
X
X
Draka HD PRO
0,8/3,7 AF
75
6
600813
X
X
X
X
X
X
Haveg 61-02051
16
900186
X
X
X
X
X
Haveg 8100207
16
M39029/76-424
071094
X
X
X
X
X
X
12
M39029/28-211
900340
X
X
X
X
X
Amphenol
63
Contact and Cable Selection Guide
CONTACT AND CABLE SELECTION GUIDE
COAXIAL PIN
Cable
Impedance Contact Size
Standard
P/N
Impedance
Match
Most Appropriate
Connector
Contact
Size vs
Cable
Frequency
MIL-DTL-38999
EN3645
EN4165
Series
I
Series
II
Series
III
Standard
Grun 0,6/3,7
75
6
600813
X
X
X
X
X
Gore GWN1159A
12
900428
X
X
X
X
X
Gore CXN340
12
600907
X
X
X
X
X
X
Times AA3248
16
* M39029/76-424
071094
X
X
X
X
X
X
12
M39029/28-211
900340
X
X
X
X
X
8
900135
X
X
X
X
X
Times LMR-195-UF
8
600901
X
X
X
X
X
Teledyne 11299
16
* M39029/76-424
071094
X
X
X
X
X
X
12
900340
X
X
X
X
X
8
900135
X
X
X
X
X
Raychem
5021D13311-0
8
600904
X
X
X
X
X
Raychem
5021D1331-0
50
8
600902
X
X
X
X
X
Raychem 5022E5111
12
900424
X
X
X
X
X
Raychem 9528A1318
75
16
* M39029/76-424
071094
X
X
X
X
X
X
12
M39029/28-409
900341
X
X
X
X
X
Raychem7528H1424
12
M39029/28-211
900340
X
X
X
X
X
Raychem 9528A1318
95
12
*
071954
X
X
X
X
X
X
8
M39029/60-367
900130
X
X
X
X
X
Raychem 9530A5314
95
12
900426
X
X
X
X
X
Tensolite
28895/2X1
8
600900
X
X
X
X
X
ESC432101
8
600903
X
X
X
X
X
ECS3C058A
8
900138
X
X
X
X
X
ECS352001
8
900138
X
X
X
X
X
ECS432101
8
900138
X
X
X
X
X
PIC V75268
75
8
600830
X
X
X
X
X
X
PIC V75248
8
600830
X
X
X
X
X
X
PIC V75261
75
8
600830
X
X
X
X
X
X
PIC V73263
75
8
600830
X
X
X
X
X
X
EMTQ TFLEX 125-
075.01
75
8
600830
X
X
X
X
X
X
Contact and Cable Selection Guide
*Mean the best match between cable and contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com