Electronic Components Datasheet Search
  English  ▼

X  

900476 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # 900476
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900476 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button 900476 Datasheet HTML 44Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 45Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 46Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 47Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 48Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 49Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 50Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 51Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
Amphenol
48
Amphenol
SPLIT PAIR QUADRAX CONTACTS
MIL-DTL-38999 SERIES III / EN3645 / EN4165
Split Pair Quadrax Contacts
FEATURES AND BENEFITS
APPLICATION
CRIMP CONTACTS
PRINT CIRCUIT BOARD CONTACTS
Overall higher bandwidth than standard CAT5E quadrax
Enhanced crosstalk performance (compared to standard quadrax) due to compatibility
with shielded twisted pair of cables
Can be used for a variety of high speed applications beyond current quadrax design**
Four strategically spaced inner contacts form two 100 Ohm matched impedance
differential pairs
Outer contact has rugged wall section for durability
Available in size 8 crimp termination style
Also available in size 8 PC tails
Can be installed into existing quadrax contact connector cavities
Requires modification of MIL-DTL-38999 connector to accommodate keyed contacts
For use with, but not limited to, the following electrical protocols :
10/100/1000/10GBASE-T Ethernet
DVI
USB 2.0, 3.0
Serial Rapid IO (up to 3.125 Gbps)
PCI-Express 2.0
HDMI 1.3a
SATA 2.0 (up to 3 GHz)
Contact
Size
Cable
Contact Part Number
Crimping Tools
Pin
Socket
Inner conductor
Gauge
Inner contact
Outer contact
8
Thermax 1536-224
050742
050741
24
DANIELS
M22520/2-01
with positioner K1777
DANIELS M22520/5-01
with die set Y1999 or
M22520/5-45
Contact
Size
Release
Type
Contact Part Number
Impedance
(Ohms)
Pin
Socket
8
Rear
CI
603250
600742
100
Rear
LI
603251
603252
** For stick out, please refer to p45
Split Pair Quadrax Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com