Electronic Components Datasheet Search
  English  ▼

X  

900476 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # 900476
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900476 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button 900476 Datasheet HTML 32Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 33Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 34Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 35Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 36Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 37Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 38Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 39Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
Amphenol
36
Amphenol ConcentricTwinax Contacts
TWINAX CONTACTS
MIL-DTL-38999 SERIES I, III / EN3645 / EN4165
INTERFACE AND QUALIFICATION : EN3155-024 -025 & ABS2217
FEATURES AND BENEFITS
TYPICAL ELECTRICAL PERFORMANCE
200°C rated and meets performance levels of MIL-DTL-38999 series
III connectors, EN3645 and EN4165
Many EN3375 cable termination
Gold plated full crimp termination contacts qualified to EN3155-
024 -025
Voltage Rating: 500 Vrms max. @ sea level
Contact Resistance:
Center @ 1 Amp:
55 millivolts max. voltage drop @ 25°C
Intermediate @ 1 Amp:
55 millivolts max. voltage drop @ 25°C
Outer @ 12 Amps:
75 millivolts max. voltage drop @ 25°C
Dielectric Withstanding Voltage:
Center to Intermediate:
1000 VAC Rms @ Sea Level
Intermediate to Outer:
500 VAC Rms@ Sea Level
Contact
Size
Cable
Contact Part Number
Crimping Tools
Pin
Socket
Proprietary
Standard
Proprietary
Standard
Inner contact
Intermediate Outer
8
EN3375-003
KG24
600611
EN3155-024M08AA
600614
EN3155-025F08AA
M22520/2-01
with Daniels
positionner K880
M22520/5-01 with
Daniels tools Y832
EN3375-004
WJ24
600612
EN3155-024M08BA
600615
EN3155-025F08BA
EN3375-005
WV24
600613
EN3155-024M08CA
600616
EN3155-025F08CA
EN3375-009
W26
600854
ABS2217P01
600855
ABS2217S01
M22520/2-01
with Daniels
positionner K1815
M22520/5-01 with
Daniels tools Y832
EN3375-006
XM24
600856
ABS2217P02
600857
ABS2217S02
EN3375-004
WJ24
600858
ABS2217P03
600859
ABS2217S03
Concentric Twinax Contacts
ABS22 17
COMPLIANT
EN3155
QUALIFIED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com