Electronic Components Datasheet Search
  English  ▼

X  

900476 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # 900476
Description  Contacts
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

900476 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button 900476 Datasheet HTML 25Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 26Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 27Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 28Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 29Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 30Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 31Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 32Page - List of Unclassifed Manufacturers 900476 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
Amphenol
29
Amphenol
BMZ INTERFACE SPECIFICATIONS
BMA INTERFACE SPECIFICATIONS
Impedance
50 Ω
Frequency Range
DC – 40 GHz
VSWR
1.07+.01 (freq. GHZ)
Insertion Loss
0.06√ (freq. GHz)
Contact Resistance (Max.)
center conductor:
6.0 mΩ
outer conductor:
3.0 mΩ
outer to cable:
0.5 mΩ
Insulation Resistance (Min.)
10,000MΩ
DWV
1,000 VRMS
RF Leakage
-(80-freq. GHz)
Corona Extinction Voltage
250 VRMS
RF High Potential Voltage
500 VRMS
Impedance
50 Ω
Frequency Range
DC – 26,5 GHz
VSWR
DC to 18 GHz
1.05 + .005f (GHz)
18 to 22 GHz
1.05 + .009f (GHz)
Insertion Loss
0.3x√f (freq. GHz)
Contact Resistance (Max.)
center conductor:
2.0 mΩ
outer conductor:
2.0 mΩ
Insulation Resistance (Min.)
5,000MΩ
DWV
1,000 VRMS
RF Leakage
-(90-fGHz)
Corona Extinction Voltage
670 VRMS
RF High Potential Voltage
500 VRMS
RF COAXIAL CONTACT
Contacts size 8
BMZ Interface
Contacts size 8
BMA Interface
Coaxial Contacts
Coaxial Contacts
Coaxial Contacts
MIL-DTL-38999 SERIES I, III / EN3645



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com