Electronic Components Datasheet Search
  English  ▼

X  

FS6407 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 11Page - NXP Semiconductors FS6407 Datasheet HTML 12Page - NXP Semiconductors FS6407 Datasheet HTML 13Page - NXP Semiconductors FS6407 Datasheet HTML 14Page - NXP Semiconductors FS6407 Datasheet HTML 15Page - NXP Semiconductors FS6407 Datasheet HTML 16Page - NXP Semiconductors FS6407 Datasheet HTML 17Page - NXP Semiconductors FS6407 Datasheet HTML 18Page - NXP Semiconductors FS6407 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 111 page
background image
NXP Semiconductors
15
FS6407/FS6408
Fail-safe outputs
VRSTB_OL
Reset Low Output Level (I_RSTB = 2.0 mA and 2.0 V < VSUP < 40 V)
–
–
0.5
V
(15)
IRSTB_LIM
Reset Output Current Limitation
12
–
25
mA
VRSTB_IL
External Reset Detection Threshold (falling)
1.0
–
–
V
VRSTB_IH
External Reset Detection Threshold (rising)
–
–
2.0
V
VRSTB_IN_HYST
External Reset Input Hysteresis
0.2
–
–
V
VFS0B_OL
FS0B Low Output Level (I_FS0b = 2.0 mA)
–
–
0.5
V
IFS0B_LK
FS0B Input Current Leakage (VFS0B = 28 V)
–
–
1.0
µA
IFS0B_LIM
FS0B Output Current Limitation
6.0
–
12
mA
Digital input
VIO_IH
Digital High Input voltage level (IO_0:1, IO_4:5)
• Min Limit = 2.7 V at VSUP = 40 V
2.6
–
–
V
VIO23_IH
Digital High Input voltage level (IO_2, IO_3)
2.0
–
–
V
VIO_IL
Digital Low Input voltage Level (IO_0:1; IO_4:5)
–
–
2.1
V
VIO_HYST
Input Voltage Hysteresis (IO_0:1, IO_4:5)
50
120
500
mV
(16)
VIO23_IL
Digital Low Input voltage Level (IO_2, IO_3)
–
–
0.9
V
VIO23_HYST
Input Voltage Hysteresis (IO_2, IO_3)
200
450
700
mV
(16)
IIO_IN_0:1
Input Current for IO_0:1
-5.0
–
100
µA
IIO_IN_1
Input Current for IO_1 when used for FB_Core monitoring
-1.0
–
1.0
µA
IIO_IN_2:5
Input Current for IO_2:5
-5.0
–
5.0
µA
IIO_IN_LPOFF
Input Current for IO_0:5 in LPOFF
-1.0
–
1.0
µA
Output gate driver
VIO_OH
High Output Level at IIO_OUT = -2.5 mA
VPRE - 1.5
–
VPRE
V
VIO_OL
Low Output Level at IIO_OUT = +2.5 mA
0.0
–
1.0
V
VIO_OUT_SK
VIO_OUT_SC
Output Current Capability
2.5
–
–
–
–
-2.5
mA
Analog multiplexer
VAMUX_REF1
Internal Voltage Reference with 6.0 V < VSUP < 19 V
2.475
2.5
2.525
V
VAMUX_REF2
Internal Voltage Reference with VSUP ≤ 6.0 V or VSUP ≥ 19 V
2.468
2.5
2.532
V
VAMUX_TP_CO
Internal Temperature sensor coefficient
–
9.9
–
mV/°C
(16)
VAMUX_TP
Temperature Sensor MUX_OUT output voltage (at TJ=165°C)
2.08
2.15
2.22
V
Notes
15.
For VSUP < 2.0 V, all supplies are already off and external pull-up on RSTB (e.g VCORE or VCCA) pulls the line down.
16.
Guaranteed by design.
Table 4. Operating range (continued)
TCASE = -40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to
ground.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com