Electronic Components Datasheet Search
  English  ▼

X  

FS6407 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 47Page - NXP Semiconductors FS6407 Datasheet HTML 48Page - NXP Semiconductors FS6407 Datasheet HTML 49Page - NXP Semiconductors FS6407 Datasheet HTML 50Page - NXP Semiconductors FS6407 Datasheet HTML 51Page - NXP Semiconductors FS6407 Datasheet HTML 52Page - NXP Semiconductors FS6407 Datasheet HTML 53Page - NXP Semiconductors FS6407 Datasheet HTML 54Page - NXP Semiconductors FS6407 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 111 page
background image
NXP Semiconductors
51
FS6407/FS6408
6.7.4.2
Voltage monitoring
The overvoltage detection switches OFF the regulator. The regulator remains ON during undervoltage detection. A diagnostic is reported
in the dedicated register, generating an Interrupt, and may bring the application into Fail-safe state depending on the supervisor
configuration (registers INIT SUPERVISOR 1, 2, 3).
6.7.5
VAUX voltage regulator
VAUX is a highly flexible linear voltage regulator which can be used either as an auxiliary supply dedicated to additional device in the ECU
or as a sensor supply. An external PNP transistor must be used (no internal current capability). If VAUX is not used in the application, the
VAUX_E and SELECT pins must be connected to VPRE to not populate the external PNP, as described in Figure 51.
If VAUX is used as an auxiliary supply, the output voltage is selectable between 5.0 V and 3.3 V. Since this voltage rail can be used to
supply MCU IOs, the selection is done with an external resistor connected between the SELECT pin and ground. In such case, the voltage
accuracy is
±3.0% with a maximum output current capability at 300 mA. If VAUX is used as a sensor supply rail, the output voltage is
selectable between 5.0 V and 3.3 V. VCCA can be used as reference for the sensor supply used as tracker. The selection is done during
the INIT phase and secured (bit VAUX_TRK_EN in the register INIT VREG2). The tracking accuracy is ±15 mV.
Figure 35. Example of VAUX used in tracker mode
6.7.5.1
Current limitation
A current limitation is implemented to avoid uncontrolled power dissipation of the external PNP transistor. The current is limited to IAUX_LIM
and the regulator is switch OFF after a dedicated duration TAUX_LIM_OFF under current limitation. A SPI command is needed to restart the
regulator. To limit the power dissipation in the external PNP transistor in case of a short-circuit to GND of the VAUX pin, a current limitation
foldback scheme is implemented to reduce the current limitation to IAUX_LIM_FB when VAUX is below VAUX_LIM_FB.
SW2
FB1
VCCA_E
VCCA_B
Vcca 5V
COMP1
VCORE_SNS
L3 - 2.2 µH
C6
100nF
R3
R4
C10
R1
R2
C11
Vcore
C8
4.7 µF
C7
40µF
PGND
PGND
GND
GND
BOOT_CORE
Vcore
Buck – 1.5A
VCCA - LDO1
100/300mA
VAUX - LDO2
300mA
VAUX_E
VAUX_B
Vaux 5V
C9
4.7 µF
GND
PNP2
MCU
VDD_LV_1.2V
V_ADC_5V
D4
Ext
Sensor
ADC_IN
GND
Int 3.3/
5V ref
ECU
limit
V_Peripherals & I/O
Input ref
FS6407/
FS6408



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com