Electronic Components Datasheet Search
  English  ▼

X  

FS6407 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 50Page - NXP Semiconductors FS6407 Datasheet HTML 51Page - NXP Semiconductors FS6407 Datasheet HTML 52Page - NXP Semiconductors FS6407 Datasheet HTML 53Page - NXP Semiconductors FS6407 Datasheet HTML 54Page - NXP Semiconductors FS6407 Datasheet HTML 55Page - NXP Semiconductors FS6407 Datasheet HTML 56Page - NXP Semiconductors FS6407 Datasheet HTML 57Page - NXP Semiconductors FS6407 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 111 page
background image
54
NXP Semiconductors
FS6407/FS6408
Figure 38. Power dissipation versus ICORE, ICCA, or IPRE
Pdis VS Icore
Pdis VS Icca
Pdis VS Ipre
Vpre
6.5V
6.5V
6.5V
Ipre
Icore + Icca
+ Iaux + Ican
Icore + Icca
+ Iaux + Ican
From 0.5 to 2A
Vcore
3.3V and 1.2V
3.3V
3.3V
Icore
from 0.25 to 1.5A
0.7A
0.3A
Vcca
3.3V
3.3V and 5V
3.3V
Icca
50mA
20 to 100mA
50mA
Vaux
3.3V
3.3V
3.3V
Iaux
200mA
200mA
200mA
CAN_5V
5V
5V
5V
Ican
33mA
33mA
33mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com