Electronic Components Datasheet Search
  English  ▼

X  

FS6407 Datasheet(PDF) 99 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 99 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 95Page - NXP Semiconductors FS6407 Datasheet HTML 96Page - NXP Semiconductors FS6407 Datasheet HTML 97Page - NXP Semiconductors FS6407 Datasheet HTML 98Page - NXP Semiconductors FS6407 Datasheet HTML 99Page - NXP Semiconductors FS6407 Datasheet HTML 100Page - NXP Semiconductors FS6407 Datasheet HTML 101Page - NXP Semiconductors FS6407 Datasheet HTML 102Page - NXP Semiconductors FS6407 Datasheet HTML 103Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 111 page
background image
NXP Semiconductors
99
FS6407/FS6408
7.3.34 Diag FS1
SPI_FS_CLK
Description
SCLK error detection, concerns internal error in fail-safe logic only and external errors (at pin level) for both
main and fail-safe logics. Other errors flagged by the SPI_CLK bit.
0
16 clock cycles during NCS low
1
Wrong number of clock cycles (<16 or >16)
Reset condition
Power On Reset
SPI_FS_Req
Description
Invalid SPI access (Wrong Write or Read, Write to INIT registers in normal mode, wrong address), concerns
fail-safe logic only
0
No error
1
SPI violation
Reset condition
Power On Reset
SPI_FS_Parity
Description
SPI parity bit error detection, concerns fail-safe logic only
0
Parity bit OK
1
Parity bit ERROR
Reset condition
Power On Reset
Table 83. DIAG FS1 register description
Read
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
01011000000
00000
MISO
SPI_G
WU
CAN_G
Reserv
ed
IO_G Vpre_G
Vcore_
G
Vothers
_G
RSTb_
ext
RSTb_
diag
0
FS0b_
diag_1
FS0b_
diag_0
000
Table 84. Diag FS1. Description and configuration of the bits (default value in bold)
RSTb_diag
Description
Report a RSTb short-circuit to HIGH
0
No Failure
1
Short-circuit HIGH
Reset condition
Power On Reset / Read
RSTb_ext
Description
Report an external RSTb
0
No external RSTb
1
External RSTb
Reset condition
Power On Reset / Read
FS0b_diag_1:0
Description
Report a failure on FS0b
00
No Failure
01
Short-circuit LOW / open load
1X
Short-circuit HIGH
Reset condition
Power On Reset / Read
Table 82. INIT WD. Description and configuration of the bits (default value in bold) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com