Electronic Components Datasheet Search
  English  ▼

X  

FS6407 Datasheet(PDF) 93 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 89Page - NXP Semiconductors FS6407 Datasheet HTML 90Page - NXP Semiconductors FS6407 Datasheet HTML 91Page - NXP Semiconductors FS6407 Datasheet HTML 92Page - NXP Semiconductors FS6407 Datasheet HTML 93Page - NXP Semiconductors FS6407 Datasheet HTML 94Page - NXP Semiconductors FS6407 Datasheet HTML 95Page - NXP Semiconductors FS6407 Datasheet HTML 96Page - NXP Semiconductors FS6407 Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 111 page
background image
NXP Semiconductors
93
FS6407/FS6408
7.3.28 WD window
SPI_FS_CLK
Description
SCLK error detection, concerns internal error in fail-safe logic only and external errors (at pin level) for both
main and fail-safe logics. Other errors flagged by SPI_CLK_ bit
0
16 clock cycles during NCS low
1
Wrong number of clock cycles (<16 or >16)
Reset condition
Power On Reset
SPI_FS_Req
Description
Invalid SPI access (Wrong Write or Read, Write to INIT registers in normal mode, wrong address), concerns
fail-safe Logic only
0
No error
1SPI violation
Reset condition
Power On Reset
SPI_FS_Parity
Description
SPI parity bit error detection, concerns fail-safe logic only
0
Parity bit OK
1
Parity bit ERROR
Reset condition
Power On Reset
Table 71. WD WINDOW register description
Write
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
11001
10
P
WD_wi
ndow3
WD_wi
ndow2
WD_wi
ndow1
WD_wi
ndow0
Secure
_3
Secure
_2
Secure
_1
Secure
_0
MISO
SPI_G
WU
CAN_G
Reserv
ed
IO_G Vpre_G
Vcore_
G
Vothers
_G
SPI_FS
_err
SPI_FS
_CLK
SPI_FS
_req
SPI_FS
_Parity
WD_wi
ndow3
WD_wi
ndow2
WD_wi
ndow1
WD_wi
ndow0
Read
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
01001
10000
00000
0
MISO
SPI_G
WU
CAN_G
Reserv
ed
IO_G Vpre_G
Vcore_
G
Vothers
_G
SPI_FS
_err
SPI_FS
_CLK
SPI_FS
_req
SPI_FS
_Parity
WD_wi
ndow3
WD_wi
ndow2
WD_wi
ndow1
WD_wi
ndow0
Any WRITE command to the WD_window in the Normal mode must be followed by a READ command to verify the correct change of the WD window
duration
Table 70. INIT FSSM2. Description and configuration of the bits (default value in bold) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com