Electronic Components Datasheet Search
  English  ▼

X  

FS6407 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # FS6407
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 14Page - NXP Semiconductors FS6407 Datasheet HTML 15Page - NXP Semiconductors FS6407 Datasheet HTML 16Page - NXP Semiconductors FS6407 Datasheet HTML 17Page - NXP Semiconductors FS6407 Datasheet HTML 18Page - NXP Semiconductors FS6407 Datasheet HTML 19Page - NXP Semiconductors FS6407 Datasheet HTML 20Page - NXP Semiconductors FS6407 Datasheet HTML 21Page - NXP Semiconductors FS6407 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 111 page
background image
18
NXP Semiconductors
FS6407/FS6408
4.3
Dynamic electrical characteristics
Table 5. Dynamic electrical characteristics
TCASE = -40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to
ground.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
Digital interface timing
fSPI
SPI Operation Frequency (50% DC)
0.5
–
8.0
MHz
tMISO_TRANS
MISO Transition Speed, 20 - 80%
•VDDIO = 5.0 V, CLOAD = 50 pF
•VDDIO = 5.0 V, CLOAD = 150 pF
5.0
5.0
–
–
30
50
ns
tCLH
Minimum Time SCLK = HIGH
62
–
–
ns
tCLL
Minimum Time SCLK = LOW
62
–
–
ns
tPCLD
Propagation Delay (SCLK to data at 10% of MISO rising edge)
–
–
30
ns
tCSDV
NCS = LOW to Data at MISO Active
–
–
75
ns
tSCLCH
SCLK Low Before NCS Low (setup time SCLK to NCS change H/L)
75
–
–
ns
tHCLCL
SCLK Change L/H after NCS = low
75
–
–
ns
tSCLD
SDI Input Setup Time (SCLK change H/L after MOSI data valid)
40
–
–
ns
tHCLD
SDI Input Hold Time (MOSI data hold after SCLK change H/L)
40
–
–
ns
tSCLCL
SCLK Low Before NCS High
100
–
–
ns
tHCLCH
SCLK High After NCS High
100
–
–
ns
tPCHD
NCS L/H to MISO at High-impedance
–
–
75
ns
tONNCS
NCS Min. High Time
500
–
–
ns
tNCS_MIN
NCS Filter Time
10
–
40
ns
Figure 5. SPI timing diagram
Figure 6. Register access restriction
tSCLCH
NCS
SCLK
MISO
MOSI
MSB
LSB
MSB
LSB
tHCLCL
tCLH
tCLL
tPCLD
tSCLD
tHCLD
tSCLCL
tONNCS
tPCHD
z
tCSDV
Not used
tHCLCH
Tri-state
NCS
500 ns min
Any Fail Safe
register acces
Any Main register
acces
Any Fail Safe
register acces
3.5 µs min
Any Fail-safe
register access
Any main
register access
Any Fail-safe
register access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com