Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 108 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 108 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 104Page - NXP Semiconductors RT600 Datasheet HTML 105Page - NXP Semiconductors RT600 Datasheet HTML 106Page - NXP Semiconductors RT600 Datasheet HTML 107Page - NXP Semiconductors RT600 Datasheet HTML 108Page - NXP Semiconductors RT600 Datasheet HTML 109Page - NXP Semiconductors RT600 Datasheet HTML 110Page - NXP Semiconductors RT600 Datasheet HTML 111Page - NXP Semiconductors RT600 Datasheet HTML 112Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 7 July 2023
108 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
[1] Typical ratings are not guaranteed. The values listed are at room temperature (25 C), nominal supply
voltages.
[1] Typical ratings are not guaranteed. The values listed are at room temperature (25 C), nominal supply
voltages.
14.3 Internal Low Power Oscillator (1 MHz)
The IRC is trimmed to 10% accuracy over the entire voltage and temperature range.
[1] Typical ratings are not guaranteed. The values listed are at room temperature (25 C), nominal supply
voltages.
14.4 Crystal oscillator
[1] Parameters are valid over operating temperature range unless otherwise specified.
[2] Typical ratings are not guaranteed. The values listed are at room temperature (25 C), nominal supply
voltages.
[3] See Section 16.5
[4] Select Low power mode = 1 in the CLKCTL0_SYSOSCCTL0 register.
[5] Select High Gain Mode = 0 in the CLKCTL0_SYSOSCCTL0 register.
Table 33. Dynamic characteristic: IRC
Tamb = -20 C to +70 C; 1.71 V to 3.6 V.
Symbol
Parameter
Conditions Min
Typ[1]
Max
Unit
fosc(RC)
IRC clock frequency
-
15.52
16
16.48
MHz
fosc(RC)
IRC clock frequency
-
47.52
48
48.72
MHz
fosc(RC)
IRC clock frequency
-
59.4
60
60.90
MHz
Table 34. Dynamic characteristic: IRC
Tamb = -20 C to +85 C; 1.71 V to 3.6 V.
Symbol
Parameter
Conditions Min
Typ[1]
Max
Unit
fosc(RC)
IRC clock frequency
-
15.52
16
16.48
MHz
fosc(RC)
IRC clock frequency
-
47.28
48
48.72
MHz
fosc(RC)
IRC clock frequency
-
59.10
60
60.90
MHz
Table 35. Dynamic characteristic: LPCOSC
Tamb = -20 C to +85 C; 1.71 V to 3.6 V.
Symbol
Parameter
Conditions Min
Typ[1]
Max
Unit
fosc(RC)
LPOSC clock
frequency
-
0.9
1
1.1
MHz
Table 36. Dynamic characteristic: oscillator
Tamb = -20 C to +85C; 1.71 V to 3.6 V. [1][3]
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
frange
oscillator frequency
range
4
-
32
MHz
RF
feedback resistor -
high gain mode
only
-
1
-
MΩ
ESR
Equivalent series
resistance
-
-
-
80
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com