Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 140 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 140 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 136Page - NXP Semiconductors RT600 Datasheet HTML 137Page - NXP Semiconductors RT600 Datasheet HTML 138Page - NXP Semiconductors RT600 Datasheet HTML 139Page - NXP Semiconductors RT600 Datasheet HTML 140Page - NXP Semiconductors RT600 Datasheet HTML 141Page - NXP Semiconductors RT600 Datasheet HTML 142Page - NXP Semiconductors RT600 Datasheet HTML 143Page - NXP Semiconductors RT600 Datasheet HTML 144Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 7 July 2023
140 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
16.4 RTC oscillator
In the RTC oscillator circuit, only the crystal (XTAL) and the capacitances Cx and Cy need
to be connected externally on RTCXIN and RTCXOUT. See Figure 34 “RTC oscillator
components”.
For best results, it is very critical to select a matching crystal for the on-chip oscillator.
Load capacitance (CL), series resistance (RS), and drive level (DL) are important
parameters to consider while choosing the crystal. After selecting the proper crystal, the
approximate external load capacitor Cx and Cy values can also be generally determined
by the following expression:
Cx = Cy = 2CL - CPad - 2CSTRAY
Where:
CL - Crystal load capacitance
CPin - Pin capacitance of the RTCXIN and RTCXOUT pins (~3 pf per pin).
CSTRAY – stray capacitance between RTCXIN and RTCXOUT pins.
For example:
CL = 9 pF
Cx = Cy = 2CL - CPad - 2CSTRAY
Cx = Cy = 2*9 - 3 - 0 = 15 pF.
Although CSTRAY can be ignored in general, the actual board layout and placement of
external components influences the optimal values of external load capacitors. Therefore,
it is recommended to fine tune the values of external load capacitors on actual hardware
board to get the accurate clock frequency. For fine tuning, output the RTC Clock to the
CLKOUT pin and optimize the values of external load capacitors for minimum frequency
deviation.
The RTC oscillator can be bypassed and driven by an external signal. To accomplish this,
set bit 8 to 1 in RTC control register (RTC_OSC_PD), the RTCXOUT pin is left
disconnected (floating), and the RTCXIN pin is driven by an external source with a level
Fig 34. RTC oscillator components
aaa-025723
RTxxx
RTCXIN
RTCXOUT
CX2
CX1
XTAL
=
CL
CP
RS
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com