Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 145 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 145 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 141Page - NXP Semiconductors RT600 Datasheet HTML 142Page - NXP Semiconductors RT600 Datasheet HTML 143Page - NXP Semiconductors RT600 Datasheet HTML 144Page - NXP Semiconductors RT600 Datasheet HTML 145Page - NXP Semiconductors RT600 Datasheet HTML 146Page - NXP Semiconductors RT600 Datasheet HTML 147Page - NXP Semiconductors RT600 Datasheet HTML 148Page - NXP Semiconductors RT600 Datasheet HTML 149Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 7 July 2023
145 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
The internal pull-up (1.5 k) can be enabled by setting the DCON bit in the
DEVCMDSTAT register to prevent the USB from timing out when there is a significant
delay between power-up and handling USB traffic. External circuitry is not required.
16.7 Boundary Scan Mode
The RESET pin selects between the JTAG boundary scan (RESET = LOW) and the Arm
SWD debug (RESET = HIGH). The Arm SWD debug port is disabled while the RT6xx is
in reset. The JTAG boundary scan pins are selected by hardware when the part is in
boundary scan mode.
To perform boundary scan testing, follow these steps:
1. Power up the part with the RESET pin pulled LOW externally.
Fig 37. USB interface on a self-powered device where USB_VBUS = 5 V
RTxxx
USB1_VDD3V3
R1
1.5 kΩ
aaa-023996
USB-B
connector
USB_DP
USB_DM
USB_VBUS
VSS
RS = 33 Ω
RS = 33 Ω
USB
D+
D-
Two options exist for connecting VBUS to the USB_VBUS pin:
(1) Connect the regulator output to USB_VBUS. In this case, the USB_VBUS signal is HIGH whenever the part is powered.
(2) Connect the VBUS signal directly from the connector to the USB_VBUS pin. In this case, 5 V are applied to the USB_VBUS pin
while the regulator is ramping up to supply USB1_VDD3V3.
Fig 38. USB interface on a bus-powered device
REGULATOR
VBUS
RTxxx
USB1_VDD3V3
R1
1.5 kΩ
aaa-023997
USB-B
connector
USB_DP
USB_DM
VSS
USB_VBUS(2)
USB_VBUS(1)
USB
D-
RS = 33 Ω
RS = 33 Ω
D+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com