Electronic Components Datasheet Search
  English  ▼

X  

AD9898 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9898
Description  CCD Signal Processor with Precision Timing??Generator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9898 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9898 Datasheet HTML 31Page - Analog Devices AD9898 Datasheet HTML 32Page - Analog Devices AD9898 Datasheet HTML 33Page - Analog Devices AD9898 Datasheet HTML 34Page - Analog Devices AD9898 Datasheet HTML 35Page - Analog Devices AD9898 Datasheet HTML 36Page - Analog Devices AD9898 Datasheet HTML 37Page - Analog Devices AD9898 Datasheet HTML 38Page - Analog Devices AD9898 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
REV. 0
AD9898
–35–
Special Vertical Timing (SPAT)
The AD9898 provides additional special vertical timing (SPAT)
generation, which is output in the same line as the VSG pulse.
The SPAT timing allows for configuring a second vertical out-
put pulse in the VSG line. Tables XIX and XX list the registers
used to generate the SPAT timing.
Figures 35 and 36 show how the SPAT timing can be either an
AND case or an OR case, depending on the value set in the
SPATLOGIC register. As these figures show, the internal SPAT
timing for the AND case will start High and then go Low at the
first VxSPAT_TOG1 position. In the OR case, the internal
Table XIX. HD and VD Registers
Register
Bit
Reference
Range
Name
Width
Register Type
Counter
Pixels
Description
SPAT_EN
1
Control (Addr 0x0A)
SPAT Enable Control
(0 = SPAT Disabled, 1 = SPAT Enabled)
SPATLOGIC
4
Control (Addr 0x0A)
SPAT Logic Setting
V1SPAT_TOG1
13
Mode_Reg(5)
ST
0–8192
Polarity Change Position Start for V1 SPAT
V1SPAT_TOG2
13
Mode_Reg(5)
ST
0–8192
Polarity Change Position End for V1 SPAT
V2SPAT_TOG1
13
Mode_Reg(6)
ST
0–8192
Polarity Change Position Start for V2 SPAT
V2SPAT_TOG2
13
Mode_Reg(6)
ST
0–8192
Polarity Change Position End for V2 SPAT
V3SPAT_TOG1
13
Mode_Reg(6 and 7)
ST
0–8192
Polarity Change Position Start for V3 SPAT
V3SPAT_TOG2
13
Mode_Reg(7)
ST
0–8192
Polarity Change Position End for V3 SPAT
V4SPAT_TOG1
13
Mode_Reg(7)
ST
0–8192
Polarity Change Position Start for V4 SPAT
V4SPAT_TOG2
13
Mode_Reg(7 and 8)
ST
0–8192
Polarity Change Position End for V4 SPAT
1. THE VxSPAT_TOG1 AND VxSPAT_TOG2 REGISTERS REFERENCE THE 13-BIT ST COUNTER.
2. THE INTERNAL SPAT TIMING IS APPLIED IN THE SAME LINE AS THE VSGx PULSE.
PROGRAMMABLE CLOCK POSITIONS
1. VxSPAT_TOG1 (PROGRAMMABLE AT MODE_REGs).
2. VxSPAT_TOG2 (PROGRAMMABLE AT MODE_REGs).
HD
13-BIT
ST COUNTER
(FIXED)
INTERNAL V2
WITHOUT
SPAT APPLIED
INTERNAL SPAT
TIMING FOR V2 WITH
SPATLOGIC = 1
V2 OUTPUT WITH
SPAT APPLIED
VSGx
VD
2
1
Figure 35. SPAT Example Applied to V2 with SPATLOGIC = xx1x
SPAT timing will initially start Low and then toggle High at the
first VxSPAT_TOG1 position. This provides the ability to
output the second vertical pulse when the internal Vx pulse is
in both High and Low states.
Table XX. SPATLOGIC Register (Addr 0x0A)
SPATLOGIC [3:0]
Description
32
1
0
V4
V3
V2
V1
0 = OR, 1 = AND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com