Electronic Components Datasheet Search
  English  ▼

X  

AD9898 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9898
Description  CCD Signal Processor with Precision Timing??Generator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9898 Datasheet(HTML) 1 Page - Analog Devices

  AD9898 Datasheet HTML 1Page - Analog Devices AD9898 Datasheet HTML 2Page - Analog Devices AD9898 Datasheet HTML 3Page - Analog Devices AD9898 Datasheet HTML 4Page - Analog Devices AD9898 Datasheet HTML 5Page - Analog Devices AD9898 Datasheet HTML 6Page - Analog Devices AD9898 Datasheet HTML 7Page - Analog Devices AD9898 Datasheet HTML 8Page - Analog Devices AD9898 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD9898
CCD Signal Processor with
Precision Timing™ Generator
FEATURES
Correlated Double Sampler (CDS)
6 dB to 40 dB Variable Gain Amplifier (VGA)
Black Level Clamp with Variable Level Control
Complete On-Chip Timing Generator
Precision Timing Core with 1 ns Resolution
On-Chip: 2-Channel Horizontal and
1-Channel RG Drivers
2-Phase H-Clock Modes
4-Phase Vertical Transfer Clocks
Electronic and Mechanical Shutter Modes
On-Chip Sync Generator with External Sync Option
Space Saving 48-Lead LFCSP Package
APPLICATIONS
Digital Still Cameras
Digital Video Camcorders
FUNCTIONAL BLOCK DIAGRAM
AD9898
CDS
VGA
10
DCLK1
DOUT
INTERNAL
REGISTERS
SL
SCK
SDATA
FD/DCLK2
MSHUT
STROBE
CLAMP
ADC
CLI
VREF
6dB TO 40dB
REFT REFB
PRECISION
TIMING
GENERATOR
SYNC
GENERATOR
INTERNAL CLOCKS
VSUB
SUBCK
HD
VD SYNC
2
4
2
RG
H1, H2
V1, V2, V3, V4
VSG1, VSG2
HORIZONTAL
DRIVERS
V-H
CONTROL
GENERAL DESCRIPTION
The AD9898 is a highly integrated CCD signal processor for
digital still camera and digital video camera applications. It
includes a complete analog front end with A/D conversion
combined with a full function programmable timing generator.
A Precision Timing core allows adjustment of high speed clocks
with 1 ns resolution at 20 MHz operation.
The AD9898 is specified at pixel rates as high as 20 MHz. The
analog front end includes black level clamping, CDS, VGA, and
a 10-bit A/D converter. The timing generator provides all the
necessary CCD clocks: RG, H-clocks, V-clocks, sensor gate
pulses, substrate clock, and substrate bias pulse. Operation is
programmed using a 3-wire serial interface.
Packaged in a space saving 48-Lead LFCSP, the AD9898 is
specified over an operating temperature range of –20
°C to +85°C.


Similar Part No. - AD9898

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
CCD Signal Processor with Precision Timing Generator
REV. 0
More results

Similar Description - AD9898

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9929 AD-AD9929 Datasheet
558Kb / 64P
CCD Signal Processor with Precision Timing Generator
2/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9992 AD-AD9992 Datasheet
775Kb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
10/07-Rev. B to Rev. C
AD9970 AD-AD9970 Datasheet
66Kb / 2P
14-Bit CCD Signal Processor with Precision Timing Generator
AD9937 AD-AD9937 Datasheet
399Kb / 44P
CCD Signal Processor with Precision Timing??Generator
REV.0
AD9991 AD-AD9991 Datasheet
770Kb / 60P
10-Bit CCD Signal Processor with Precision Timing ??Generator
REV.0
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
CCD Signal Processor with Precision Timing Generator
REV. 0
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
CCD Signal Processor with Precision Timing Generator
REV. A
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com