Electronic Components Datasheet Search
  English  ▼

X  

AD9898 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9898
Description  CCD Signal Processor with Precision Timing??Generator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9898 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9898 Datasheet HTML 16Page - Analog Devices AD9898 Datasheet HTML 17Page - Analog Devices AD9898 Datasheet HTML 18Page - Analog Devices AD9898 Datasheet HTML 19Page - Analog Devices AD9898 Datasheet HTML 20Page - Analog Devices AD9898 Datasheet HTML 21Page - Analog Devices AD9898 Datasheet HTML 22Page - Analog Devices AD9898 Datasheet HTML 23Page - Analog Devices AD9898 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
REV. 0
–20–
AD9898
H-Driver and RG Outputs
In addition to the programmable timing positions, the AD9898
features on-chip output drivers for the RG and H1–H2 outputs.
They are sufficiently powerful to directly drive the CCD inputs.
The H-driver current can be adjusted for optimum rise/fall time
into a particular load by using the H1DRV and H2DRV regis-
ters (Addr 0x04). The RG drive current is adjustable using the
RGDRV register (Addr 0x04). The H1DRV and H2DRV regis-
ter is adjustable in 4.3 mA increments. The RGDRV register is
adjustable in 2.15 mA increments. All DRV registers have a setting
of 0 equal to OFF or three-state, and the maximum setting of 7.
1. PIXEL CLOCK PERIOD IS DIVIDED INTO 48 POSITIONS, PROVIDING FINE EDGE RESOLUTION FOR HIGH SPEED CLOCKS.
2. THERE IS A FIXED DELAY FROM THE CLI INPUT TO THE INTERNAL PIXEL PERIOD POSITIONS (
tCLIDLY = 6 ns TYP).
P[0]
P[48] = P[0]
P[12]
P[24]
P[36]
1 PIXEL
PERIOD
CLI
POSITION
tCLIDLY
Figure 11. High Speed Clock Resolution from CLI Master Clock Input
H1
H2
CCD
SIGNAL
RG
PROGRAMMABLE CLOCK POSITIONS
1. RG RISING EDGE (FIXED EDGE AT 000000).
2. RG FALLING EDGE (RGNEGLOC (ADDR 0x03)).
3. SHP SAMPLE LOCATION (SHPLOC (ADDR 0x02)).
4. SHD SAMPLE LOCATION (SHDLOC (ADDR 0x02)).
5. H1 RISING EDGE LOCATION (H1POSLOC (ADDR 0x03))
6. H1 NEGATIVE EDGE LOCATION (FIXED AT (H1POSLOC + 24 STEPS)).
7. H2 IS ALWAYS THE INVERSE OF H1.
3
4
12
56
cds
(INTERNAL)
Figure 12. High Speed Clock Programmable Locations
As shown in Figure 13, the H2 output is the inverse of H1. The
internal propagation delay resulting from the signal inversion is
less than 1 ns, which is significantly less than the typical rise
time driving the CCD load. This results in an H1/H2 crossover
voltage of approximately 50% of the output swing. The cross-
over voltage is not programmable.
Digital Data Outputs
The AD9898 DOUT[9:0] and DCLK phases are independently
programmable using the DOUTPHASE register (Addr 0x02)
and DCLKPHASE register (Addr 0x02) (see Figure 15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com