Electronic Components Datasheet Search
  English  ▼

X  

AD9898 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9898
Description  CCD Signal Processor with Precision Timing??Generator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9898 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9898 Datasheet HTML 13Page - Analog Devices AD9898 Datasheet HTML 14Page - Analog Devices AD9898 Datasheet HTML 15Page - Analog Devices AD9898 Datasheet HTML 16Page - Analog Devices AD9898 Datasheet HTML 17Page - Analog Devices AD9898 Datasheet HTML 18Page - Analog Devices AD9898 Datasheet HTML 19Page - Analog Devices AD9898 Datasheet HTML 20Page - Analog Devices AD9898 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
REV. 0
AD9898
–17–
SERIAL INTERFACE TIMING
All of the internal registers of the AD9898 are accessed through a
3-wire serial interface. The interface consists of a clock (SCK),
serial load (SL), and serial data (SDATA).
The AD9898 has three different register types that are config-
ured by the 3-wire serial interface. They are control registers,
system registers, and mode registers and are described in Table VI.
Table VI. Type of Serial Interface Registers
Register
Address
No. of Registers
Control
0x00 through
There is a 24-bit register at each
0xD6
address. Not all addresses are
used. See Table I.
System
0x14
Seventeen 32-bit system registers
at Address 0x14. See Table II.
Mode_A
0x15
Eight 32-bit Mode_A registers at
Address 0x15. See Table III.
Mode_B
0x16
Eight 32-bit Mode_B registers at
Address 0x16. See Table IV.
Control Register Serial Interface
The control register 3-wire interface timing requirements are
shown in Figure 7. Control data must be written into the device
one address at a time due to the noncontiguous address spacing
for the control registers. This requires eight bits of address data
followed by 24 bits of configuration data between each active
low period of SL for each address. The SL signal must be kept
high for at least one full SCK cycle between successive writes to
control registers.
System Register Serial Interface
There are seventeen 32-bit system registers that get accessed
sequentially at Address 0x14 beginning with Sys_Reg[0]. When
writing to the system registers, SDATA contains the 8-bit address
of 0x14, followed by Number Writes N[23:0], followed by the
Sys_Reg[31:0] data as shown in Figure 8. The system register
map is listed in Table II.
There are two options available when writing to the system
registers. The choice is automatically determined by the value of
the Number Writes N[23:0] word. If Number Writes N[23:0] =
0x000000, the device gets put into a mode where it expects all
17 Sys_Reg[31:0] data-words to be clocked in before SL is
asserted high. If the Number Writes N[23:0] is decoded as
some number N other than 0x000000, the device expects N
number of registers to be programmed where N is equal to the
value of Number Writes N[23:0]. For example, if Number
Writes N[23:0] = 0x000004, the device would expect data to be
provided for Sys_Reg[3:0]. In all cases, the system registers
would be written to begin with Sys_Reg[0], no matter what the
value of Number Writes N[23:0] is. Note that SL can be brought
high or low during access to system registers, as shown in Figure 8.
Mode_A and Mode_B Register Serial Interface
There are eight 32-bit Mode_A and eight 32-bit Mode_B regis-
ters that get accessed sequentially at Address 0x15 and Address
0x16, respectively. The Mode_A and Mode_B registers get
written to exactly as the system registers are. (See the descrip-
tion above.) The mode registers are listed in Tables III and IV.
Changing operation between Mode_A and Mode_B is done by
setting the 1-bit MODE register (Addr 0x0A). The desired
Mode_A (Addr 0x15) or Mode_B (Addr 0x16) data must be
programmed into the Mode_A or Mode_B registers before
changing the MODE bit.
SDATA
SCK
SL
A5
A6
D22
D21
D3
D2
D1
1. SDATA BITS ARE INTERNALLY LATCHED ON THE RISING EDGES OF SCK.
2. SYSTEM UPDATE OF LOADED REGISTERS OCCURS ON SL RISING EDGE.
3. THIS TIMING PATTERN MUST BE WRITTEN FOR EACH REGISTER WRITE WITH SL REMAINING HIGH FOR AT
LEAST ONE FULL SCK PERIOD BEFORE ASSERTING SL LOW AGAIN FOR THE NEXT REGISTER WRITE.
A7
A4
A3
A2
A1
A0
D23
....
....
D0
12
3
4
5
6
7
8
9
10
11
29
30
31
32
tDS
tDH
tLH
tLS
Figure 7. 3-Wire Serial Interface Timing for Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com