Electronic Components Datasheet Search
  English  ▼

X  

AD9898 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9898
Description  CCD Signal Processor with Precision Timing??Generator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9898 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9898 Datasheet HTML 10Page - Analog Devices AD9898 Datasheet HTML 11Page - Analog Devices AD9898 Datasheet HTML 12Page - Analog Devices AD9898 Datasheet HTML 13Page - Analog Devices AD9898 Datasheet HTML 14Page - Analog Devices AD9898 Datasheet HTML 15Page - Analog Devices AD9898 Datasheet HTML 16Page - Analog Devices AD9898 Datasheet HTML 17Page - Analog Devices AD9898 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
REV. 0
–14–
AD9898
Table III. Mode_A Register Map (Addr 0x15)
Bit
Default
Register
Content
Width
(Decimal) Register Name
Register Description
Mode_Reg(0) (31:24)
8
NA
Mode_A_Addr
Mode_A Address Is (Addr 0x15)
(23:0)
24
NA
Mode_A_Number_N
Number N Register Writes (0x000000 = Write All Registers)
Mode_Reg(1) (31:21)
11
262
VDLEN
VD Counter Value
(20:9)
12
1139
HDLASTLEN
Number of Pixels in Last Line (Gray Code Number)
81
1
VSGSEL0
VSG1 Sequence Selector (See Table XXIII)
71
0
VSGSEL1
VSG2 Sequence Selector (See Table XXIII)
(6:0)
7
0
VSGACTLINE
VSG Active Line
Mode_Reg(2) 31
1
0
SUBCKSEL
Select one of two SUBCK Patterns
(30:28)
3
0
VTPSEQPTR0
Vertical Transfer Sequence Region No. 0
(27:25)
3
0
VTPSEQPTR1
Vertical Transfer Sequence Region No. 1
(24:22)
3
0
VTPSEQPTR2
Vertical Transfer Sequence Region No. 2
(21:19)
3
0
VTPSEQPTR3
Vertical Transfer Sequence Region No. 3
(18:16)
3
0
VTPSEQPTR4
Vertical Transfer Sequence Region No. 4
15
1
1
CLPEN0
CLPOB Output Control No. 1
14
1
0
CLPEN1
CLPOB Output Control No. 2
13
1
0
CLPEN2
CLPOB Output Control No. 3
12
1
0
CLPEN3
CLPOB Output Control No. 4
11
1
0
CLPEN4
CLPOB Output Control No. 5
(10:3)
8
0
SCP1
Sequence Change Position No. 1
(2:0)
3
SCP2
Mode_Reg(3) (31:27)
5
0
SCP2
Sequence Change Position No. 2
(26:19)
8
0
SCP3
Sequence Change Position No. 3
(18:11)
8
0
SCP4
Sequence Change Position No. 4
(10:9)
2
0
VTPSEL0
Vertical Pattern Selection 0
(8:7)
2
0
VTPSEL1
Vertical Pattern Selection 1
(6:5)
2
0
VTPSEL2
Vertical Pattern Selection 2
(4:3)
2
0
VTPSEL3
Vertical Pattern Selection 3
(2:0)
3
3
VTPREP0
Number of Vertical Pulse Repetitions for Pattern0
Mode_Reg(4) (31:29)
3
0
VTPREP1
Number of Vertical Pulse Repetitions for Pattern1
(28:26)
3
0
VTPREP2
Number of Vertical Pulse Repetitions for Pattern2
(25:23)
3
0
VTPREP3
Number of Vertical Pulse Repetitions for Pattern3
(22:12)
11
0
SVREP0
Vertical Sweep Repetition Number for CCD Region0
(11:1)
11
0
SVREP3
Vertical Sweep Repitition Number for CCD Region3
01
Unused
Mode_Reg(5) (31:19)
13
988
V1SPAT_TOG1
Polarity Change Position Start for V1 SPAT
(18:6)
13
1138
V1SPAT_TOG2
Polarity Change Position End for V1 SPAT
(5:0)
6
V2SPAT_TOG1
Mode_Reg(6) (31:25)
7
1078
V2SPAT_TOG1
Polarity Change Position Start for V2 SPAT
(24:12)
13
1168
V2SPAT_TOG2
Polarity Change Position End for V2 SPAT
(11:0)
12
V3SPAT_TOG1
Mode_Reg(7) 31
1
958
V3SPAT_TOG1
Polarity Change Position Start for V3 SPAT
(30:18)
13
1138
V3SPAT_TOG2
Polarity Change Position End for V3 SPAT
(17:5)
13
988
V4SPAT_TOG1
Polarity Change Position Start for V4 SPAT
(4:0)
5
V4SPAT_TOG2
Mode_Reg(8) (31:24)
8
1228
V4SPAT_TOG2
Polarity Change Position End for V4 SPAT
(23:11)
13
1392
SECONDVPOS
Second V Pattern Output Position
(10:9)
2
3
VPATSECOND
Selected Second V Pattern Group for VSG Active Line
(8:0)
9
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com