Electronic Components Datasheet Search
  English  ▼

X  

AD9898 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9898
Description  CCD Signal Processor with Precision Timing??Generator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9898 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9898 Datasheet HTML 29Page - Analog Devices AD9898 Datasheet HTML 30Page - Analog Devices AD9898 Datasheet HTML 31Page - Analog Devices AD9898 Datasheet HTML 32Page - Analog Devices AD9898 Datasheet HTML 33Page - Analog Devices AD9898 Datasheet HTML 34Page - Analog Devices AD9898 Datasheet HTML 35Page - Analog Devices AD9898 Datasheet HTML 36Page - Analog Devices AD9898 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
REV. 0
AD9898
–33–
Table XVI. Mode_A and Mode_B Registers for VTPx Selection
Register
Bit
Register
Name
Width
Type
Range
Description
VTPSEQPTR0
*
3
Mode_Reg(2)
Vertical Transfer Pulse Pointer Used in CCD Region 0
(0 = VTPSEL0, 1 = VTPSEL1, 2 = VTPSEL2, 3 = VTPSEL3
4 = VTPSEL0 for EVEN Line and VTPSEL1 for ODD Line
5 = VTPSEL2 for EVEN Line and VTPSEL3 for ODD Line)
VTPSEQPTR1
*
3
Mode_Reg(2)
Vertical Transfer Pulse Pointer Used in CCD Region 1
(0 = VTPSEL0, 1 = VTPSEL1, 2 = VTPSEL2, 3 = VTPSEL3
4 = VTPSEL0 for EVEN Line and VTPSEL1 for ODD Line
5 = VTPSEL2 for EVEN Line and VTPSEL3 for ODD Line)
VTPSEQPTR2
*
3
Mode_Reg(2)
Vertical Transfer Pulse Pointer Used in CCD Region 2
(0 = VTPSEL0, 1 = VTPSEL1, 2 = VTPSEL2, 3 = VTPSEL3
4 = VTPSEL0 for EVEN Line and VTPSEL1 for ODD Line
5 = VTPSEL2 for EVEN Line and VTPSEL3 for ODD Line)
VTPSEQPTR3
*
3
Mode_Reg(2)
Vertical Transfer Pulse Pointer Used in CCD Region 3
(0 = VTPSEL0, 1 = VTPSEL1, 2 = VTPSEL2, 3 = VTPSEL3
4 = VTPSEL0 for EVEN Line and VTPSEL1 for ODD Line
5 = VTPSEL2 for EVEN Line and VTPSEL3 for ODD Line)
VTPSEQPTR4
*
3
Mode_Reg(2)
Vertical Transfer Pulse Pointer Used in CCD Region 4
(0 = VTPSEL0, 1 = VTPSEL1, 2 = VTPSEL2, 3 = VTPSEL3
4 = VTPSEL0 for EVEN Line and VTPSEL1 for ODD Line
5 = VTPSEL2 for EVEN Line and VTPSEL3 for ODD Line)
VTPSEL0
2
Mode_Reg(3)
(0 = VTP0, 1 = VTP1, 2 = VTP2, 3 = VTP3)
VTPSEL1
2
Mode_Reg(3)
(0 = VTP0, 1 = VTP1, 2 = VTP2, 3 = VTP3)
VTPSEL2
2
Mode_Reg(3)
(0 = VTP0, 1 = VTP1, 2 = VTP2, 3 = VTP3)
VTPSEL3
2
Mode_Reg(3)
(0 = VTP0, 1 = VTP1, 2 = VTP2, 3 = VTP3)
VTPREP0
3
Mode_Reg(3)
0–7
Number of VTP0 Pulse Repetitions within a Line
VTPREP1
3
Mode_Reg(4)
0–7
Number of VTP1 Pulse Repetitions within a Line
VTPREP2
3
Mode_Reg(4)
0–7
Number of VTP2 Pulse Repetitions within a Line
VTPREP3
3
Mode_Reg(4)
0–7
Number of VTP3 Pulse Repetitions within a Line
*Registers 6 and 7 are not used.
Table XVII. Mode_A and Mode_B Registers for CCD Region Selection
Register
Bit
Register
Name
Width
Type
Range
Description
SCP1
8
Mode_Reg(2)
0–255 lines
Sequence Change Position 1
SCP2
8
Mode_Reg(3)
0–255 lines
Sequence Change Position 2
SCP3
8
Mode_Reg(3)
0–255 lines
Sequence Change Position 3
SCP4
8
Mode_Reg(3)
0–255 lines
Sequence Change Position 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com