Electronic Components Datasheet Search
  English  ▼

X  

AD9898 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9898
Description  CCD Signal Processor with Precision Timing??Generator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9898 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9898 Datasheet HTML 3Page - Analog Devices AD9898 Datasheet HTML 4Page - Analog Devices AD9898 Datasheet HTML 5Page - Analog Devices AD9898 Datasheet HTML 6Page - Analog Devices AD9898 Datasheet HTML 7Page - Analog Devices AD9898 Datasheet HTML 8Page - Analog Devices AD9898 Datasheet HTML 9Page - Analog Devices AD9898 Datasheet HTML 10Page - Analog Devices AD9898 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
REV. 0
AD9898
–7–
PIN CONFIGURATION
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
SCK
SL
SDATA
REFB
REFT
AVSS
CCDIN
D0
D1
D2
D3
D4
DRVSS
DRVDD
D5
D6
D7
D8
AVDD
CLI
TCVDD
TCVSS
AD9898
D9
RGVDD
Pin No. Mnemonic
Type
* Description
28
CLI
DI
Reference Clock Input
29
AVDD
P
Analog Supply for AFE
30
CCDIN
AI
CCD Input Signal
31
AVSS
P
Analog Ground for AFE
32
REFT
AO
Voltage Reference Top Bypass
33
REFB
AO
Voltage Reference Bottom
Bypass
34
SDATA
DI
3-Wire Serial Data Input
35
SL
DI
3-Wire Serial Load Pulse
36
SCK
DI
3-Wire Serial Clock
37
V1
DO
CCD Vertical Transfer Clock 1
38
V2
DO
CCD Vertical Transfer Clock 2
39
V3
DO
CCD Vertical Transfer Clock 3
40
V4
DO
CCD Vertical Transfer Clock 4
41
VSG1
DO
CCD Sensor Gate Pulse 1
42
VSG2
DO
CCD Sensor Gate Pulse 2
43
OUTCONT DI
Output Control
44
VSUB
DO
CCD Substrate Bias
45
SYNC/
DI
External System Sync Input
VGATE
DI
VGATE Input
46
DVDD
P
Digital Supply for VSG,
V1–V4, HD, VD, MSHUT,
STROBE, and Serial Interface
47
DVSS
P
Digital Ground
48
SUBCK
DO
CCD Substrate Clock
(E-Shutter)
*AI = Analog Input, AO = Analog Output, DI = Digital Input, DO = Digital
Output, P = Power.
PIN FUNCTION DESCRIPTION
Pin No. Mnemonic
Type
* Description
1D0DOData Output
2D1DOData Output
3D2DOData Output
4D3DOData Output
5D4DOData Clock Output
6
DRVSS
P
Data Output Driver Ground
7
DRVDD
P
Data Output Driver Supply
8D5DOData Output
9D6DOData Output
10
D7
DO
Data Output
11
D8
DO
Data Output
12
D9
DO
Data Output
13
DCLK1
DO
Data Clock Output
14
MSHUT
DO
Mechanical Shutter Pulse
15
STROBE
DO
Strobe Pulse
16
FD/
DO
Field Designator Output
DCLK2
DO
DCLK2 Output
17
HD
DI
Horizontal Sync Pulse
18
VD
DI
Vertical Sync Pulse
19
HVDD
P
H1–H2 Driver Supply
20
HVSS
P
H1–H2 Driver Ground
21
H2
DO
CCD Horizontal Clock 2
22
H1
DO
CCD Horizontal Clock 1
23
RGVSS
P
RG Driver Ground
24
RG
DO
CCD Reset Gate Clock
25
RGVDD
P
RG Driver Supply
26
TCVSS
P
Analog Ground for Timing
Core
27
TCVDD
P
Analog Supply for Timing Core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com