Electronic Components Datasheet Search
  English  ▼

X  

AD9898 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9898
Description  CCD Signal Processor with Precision Timing??Generator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9898 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9898 Datasheet HTML 19Page - Analog Devices AD9898 Datasheet HTML 20Page - Analog Devices AD9898 Datasheet HTML 21Page - Analog Devices AD9898 Datasheet HTML 22Page - Analog Devices AD9898 Datasheet HTML 23Page - Analog Devices AD9898 Datasheet HTML 24Page - Analog Devices AD9898 Datasheet HTML 25Page - Analog Devices AD9898 Datasheet HTML 26Page - Analog Devices AD9898 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
REV. 0
AD9898
–23–
EXTERNAL SYNCHRONIZATION (MASTER MODE)
External synchronization can be used to synchronize the VD
and HD signal by applying an external pulse on the SYNC/
VGATE pin (Pin 45) for master mode operation. The SYNC/
VGATE pin is configured as an external SYNC input for mas-
ter mode operation by setting the SLAVE_MODE register
(Addr 0xD6) = 0. (The AD9898 defaults to slave mode at
power-up.)
SYNCCNT (Addr 0x0A) and SYNCPOL (Addr 0x01) are the
only two registers used for configuring the AD9898 for external
synchronization. The SYNCPOL is a 1-bit register used for
configuring the SYNC input as either active low or active high.
The AD9898 defaults to active low at power-up. The function
of the SYNCCNT register is described in Table X. Figures 16
and 17 provide two examples of external synchronization with
SYNCPOL = 0.
Table X. External Synchronization (Master Mode)
SYNCCNT
External Synchronization Options
0Disable External Synchronization
1
VD Sync at every SYNC Pulse
2
VD Sync after Second Applied SYNC Pulse
3
VD Sync after Third Applied SYNC Pulse
4
VD Sync after Fourth Applied SYNC Pulse
5
VD Sync after Fifth Applied SYNC Pulse
6
VD Sync after Sixth Applied SYNC Pulse
7
VD Sync after Seventh Applied SYNC Pulse
8
VD Sync after Eighth Applied SYNC Pulse
9
VD Sync after Ninth Applied SYNC Pulse
10
VD Sync after Tenth Applied SYNC Pulse
11
VD Sync after Eleventh Applied SYNC Pulse
12
VD Sync after Twelfth Applied SYNC Pulse
13
VD Sync after Thirteenth Applied SYNC Pulse
14
VD Sync after Fourteenth Applied SYNC Pulse
15
VD Sync after First Applied SYNC Pulse Only
2 CLIMIN
MODE A
MODE B
SERIAL
WRITES
OPERATION
MODE
VD
4 CLI
4 CLI
4 CLI
CHANGE TO MODE B
SYNC
Figure 16. Example of Synchronization with SYNCPOL = 0 and SYNCCNT = 1
4 CLI
4 CLI
4 CLI
2 CLIMIN
VD
SYNC
Figure 17. Example of Synchronization with SYNCPOL = 0 and SYNCCNT = 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com