| Electronic Components Datasheet Search |
|
AD9898 Datasheet(PDF) 43 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9898 Datasheet(HTML) 43 Page - Analog Devices |
|
43 / 52 page ![]() REV. 0 AD9898 –43– MSHUT High Precision Operation The MSHUTPOS_HP register allows more precise control of the MSHUT position within a line. Under normal MSHUT operation when MSHUTPOS_HP = 0, the MSHUT polarity changes from high to low on the negative edge of the HD pulse, as shown in Figure 44. By using the MSHUTPOS_HP register, the rising and falling edges of MSHUT can be delayed by mul- tiples of the OL counter length, which has been set in the OLEN VD HD VSG1– VSG2 MSHUT tEXP MSHUTPOS = 3 MSHUTPAT = 0, MSHUTLEN = 5 12 3 1 2 3 5 46 SUBCK OL COUNTER OL COUNTER OL COUNTER OL COUNTER Figure 46. Example of MSHUT High Precision Timing—MSHUTEN = 1 and MSHUTPOS_HP = 3 VD HD VSG1– VSG2 MSHUT1 tEXP MSHUTPOS = 3 MSHUTPAT = 0, MSHUTLEN = 5 12 3 1 2 3 5 46 SUBCK DELAY = 3 OL COUNTER LENGTHS NOTES 1MSHUT OUTPUT IN NORMAL OPERATION WITH MSHUTPOS_HP = 0 2MSHUT OUTPUT IN HIGH PRECISION OPERATION WITH MSHUTPOS_HP = 3 MSHUT2 Figure 47. Example of MSHUT High Precision Timing—MSHUTEN = 1, MSHUTPOS_HP = 3, with SUBCKMODE_HP = 1, SUBCKNUM_HP = 3 register. For example, if MSHUTPOS_HP = 3, the MSHUT rising and falling edges will be delayed by three OL counter cycles after the falling edge of HD, as shown in Figure 46. Figure 46 provides an example of high precision MSHUT and SUBCK timing. In this example, the length of the OL counter is shorter. This provides very precise control of the placement of the MSHUT pulse within a line. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |