Electronic Components Datasheet Search
  English  ▼

X  

AD9898 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9898
Description  CCD Signal Processor with Precision Timing??Generator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9898 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9898 Datasheet HTML 20Page - Analog Devices AD9898 Datasheet HTML 21Page - Analog Devices AD9898 Datasheet HTML 22Page - Analog Devices AD9898 Datasheet HTML 23Page - Analog Devices AD9898 Datasheet HTML 24Page - Analog Devices AD9898 Datasheet HTML 25Page - Analog Devices AD9898 Datasheet HTML 26Page - Analog Devices AD9898 Datasheet HTML 27Page - Analog Devices AD9898 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
REV. 0
–24–
AD9898
HORIZONTAL AND VERTICAL SYNCHRONOUS TIMING
The HD and VD output pulses are programmable using the
registers listed in Table XI. The HD output is asserted low at
the start of the horizontal line shift. The VD output is asserted
low at the start of each line. As shown in Figure 18, the 11-bit
VD counter is used to count the number of lines set by the
VDLEN register. The 12-bit HD counter is used to count the
number of pixels in each line set by the HDLEN register. For
example, if the CCD array size is 2000 lines by 2100 pixels per
line, VDLEN = 2000 and HDLEN = 0xC28. The HLEN regis-
ter sets the HL counter that is used as a reference for the rising
edge of the HD pulse.
Table XI. HD and VD Registers
Register
Bit
Reference
Name
Width
Register Type
Counter
Range
Description
HDLEN
12
Sys_Reg(12)
0–4095 Pixels
12-Bit Gray Code Counter Value
HLEN
10
Sys_Reg(12)
0–1023 Pixels
10-Bit HL Counter Value
HDRISE
10
Sys_Reg(16)
HL
0–1023 Pixels
HD Rise Position
HDLASTLEN
*
12
Mode_Reg(1)
HD
0–4095 Pixels
HD Last Line Length
VDLEN
11
Mode_Reg(1)
0–2047 Lines
VD Counter Value
VDRISE
4
Sys_Reg(16)
VD
0–15 Lines
VD Rise Position
*Register value must be a gray code number. (See Gray Code Registers section.)
001
000
002
N
2048
HDLASTLEN
SETUP
HDLEN
HLEN
11-BIT
VD COUNTER
12-BIT
GRAY COUNTER
+ SETUP
10-BIT
HL COUNTER
VD
HD
LINE LENGTH =
HDLEN + 4
1. THE SETUP DELAY IS 4 CLI CYCLES. THE ACTUAL LENGTH OF ONE LINE IS 4
MORE CYCLES THAN THE VALUE SET IN HDLEN AND HDLASTLEN DUE TO SETUP DELAY.
2. VDRISE REFERENCES THE 11-BIT VD COUNTER.
3. HDRISE REFERENCES THE 10-BIT HL COUNTER.
PROGRAMMABLE CLOCK POSITIONS
1. HDRISE (SYS_REG(16))
2. VDRISE (SYS_REG(16))
VDLEN
2
1
Figure 18. VD and HD Horizontal Timing
Special Note about the HDLEN Register
The 12-bit HD counter value must be programmed using a gray
code number. There is also a 4-clock cycle setup period that
must be considered when determining the HDLEN register
value, as shown in Figure 18. As a result of the 4-clock cycle
setup period, the value of HDLEN is always equal to the actual
number of pixels per line minus four. For example, if there are
2100 pixels per line, HDLEN equals (2100 – 4) = 2096. The
gray code value of 2096 is 0xC28, which is what would be pro-
grammed in the HDLEN register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com