| Electronic Components Datasheet Search |
|
AD9898 Datasheet(PDF) 34 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9898 Datasheet(HTML) 34 Page - Analog Devices |
|
34 / 52 page ![]() REV. 0 –34– AD9898 Special Vertical Sweep Mode Operation The AD9898 contains a special mode of vertical timing operation called sweep mode. This mode is used to generate a continu- ous number of repetitive vertical pulses that span multiple HD lines. One example of when this mode may be needed is the start of the CCD readout operation. At the end of the image exposure, but before the image is transferred by the sensor gate pulses, the vertical interline CCD registers should be cleared of all charge. The charge can be shifted out quickly with a long series of pulses on the V1–V4 outputs. This operation will span multiple HD line lengths. Normally the sequences are contained within one HD line length, but with the sweep mode enabled, the HD boundaries will be ignored until the region is finished. The special vertical sweep mode operation is only output in CCD Region0 and CCD Region3. (See Figures 33 and 34.) The SVREP_MODE register located at control Address 0x0A is used to enable and configure the special sweep mode operation as described in Table XVIII. The maximum number of repeats in each region is 2048 while operating in this mode using the SVREP0 and SVREP3 Mode_Reg(4) registers. Table XVIII. Description of SVREP_MODE Register SVREP_MODE Description of Sweep Mode Operation 00 Normal Vertical Timing Operation in All CCD Regions 01 Special Vertical Sweep Mode Timing Output in CCD Region0 Only 10 Special Vertical Sweep Mode Timing Output in CCD Region3 Only 11 Special Vertical Sweep Mode Timing Output in CCD Region0 and CCD Region3 HD V1–V4 Figure 31. NonOverlapping Example for Normal Vertical Timing Operation with SVREP_MODE = 0 and VTPREPx = 4 HD V1–V4 NOT OUTPUT BECAUSE THE 8TH REPETITION OVERLAPS WITH HD Figure 32. Overlapping Example for Normal Vertical Timing Operation with SVREP_MODE = 0 and VTPREPx = 8 HD V1–V4 CCD REGION0 SCP0 SCP1 = 3 01 2 0 Figure 33. Sweep Mode Timing Example with SVREP_MODE = 1 and SVREP0 = 28 HD V1–V4 CCD REGION3 SCP3 SCP4 = 3 01 2 0 Figure 34. Sweep Mode Timing Example with SVREP_MODE = 2 and SVREP3 = 28 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |