Electronic Components Datasheet Search
  English  ▼

X  

AD9898 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9898
Description  CCD Signal Processor with Precision Timing??Generator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9898 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9898 Datasheet HTML 33Page - Analog Devices AD9898 Datasheet HTML 34Page - Analog Devices AD9898 Datasheet HTML 35Page - Analog Devices AD9898 Datasheet HTML 36Page - Analog Devices AD9898 Datasheet HTML 37Page - Analog Devices AD9898 Datasheet HTML 38Page - Analog Devices AD9898 Datasheet HTML 39Page - Analog Devices AD9898 Datasheet HTML 40Page - Analog Devices AD9898 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
REV. 0
AD9898
–37–
Table XXI. SUBCK Registers
Bit
Reference
Register Name
Width
Register Type
Counter
Range
Description
SUBCKNUM
11
Control (Addr 0x0B)
0–2047 Pulses
Number of SUBCK Pulses per Field
SUBCKSUPPRESS
1
Control (Addr 0x01)
0–1 Pulse
Suppress First SUBCK after Last VSG
Line Pulse
SUBCK_EN
1
Control (Addr 0x0B)
SUBCK Output Enable Control
(0 = Disable, 1 = Enable)
SUBCKMODE_HP
1
Control (Addr 0x01)
High Speed Shutter Mode Operation
SUBCKNUM_HP
3
Control (Addr 0x0B)
0–7 Pulses
High Speed Shutter SUBCLK
Position/Number
SUBCK1TOG1
9
System_Reg(14)
OL-Counter
0–511 Pixel Location
SUBCLK1 First Toggle Position
SUBCK1TOG2
9
System_Reg(14)
OL-Counter
0–511 Pixel Location
SUBCLK1 Second Toggle Position
SUBCK2TOG1
9
System_Reg(15)
OL-Counter
0–511 Pixel Location
SUBCLK2 First Toggle Position
SUBCK2TOG2
9
System_Reg(15)
OL-Counter
0–511 Pixel Location
SUBCLK2 Second Toggle Position
SUBCKSEL
1
Mode_Reg(2)
(0 = SUBCK1, 1 = SUBCK2)
ELECTRONIC SHUTTER TIMING CONTROL
CCD image exposure time is controlled through the use of the
CCD substrate clock signal (SUBCK), which pulses the CCD
substrate to clear out accumulated charge prior to the exposure
period. The AD9898 supports three types of electronic shutter-
ing: normal shutter mode, suppression shutter mode, and high
speed shutter mode. Table XXI contains the registers required
for programming SUBCK pulses for each of these modes.
Normal Shutter Mode
Figure 37 shows the VD and SUBCK output for normal shutter
mode. The SUBCK will pulse once per line. The number of
SUBCK pulses per field can be programmed by setting register
SUBCKNUM (Addr 0x0B). As shown in Figure 37, the SUBCK
pulses will always begin on the line after the sensor gate occurs,
specified by VSGACTLINE (Mode_Reg(1)).
SUBCK Suppression Mode
Normally the SUBCKs will begin to pulse on the line following
the last sensor gate line (VSG). With some CCDs, the first
SUBCK following the VSG line needs to be suppressed. The
SUBCKSUPPRESS register allows for this suppression. The
first SUBCK following the last VSG pulse is suppressed when
SUBCKSUPPRESS = 1, as shown in Figure 38.
High Precision Shutter Mode
The high speed shutter mode can be operated in two differ-
ent modes, single pulse and multiple pulse. These modes are
set up by programming the SUBCKNUM_HP register and
SUBCKMODE_HP register, as described in Table XXII and
shown in Figures 40 and 41.
Single Pulse Mode
In addition to the normal operating SUBCK pulse, one addi-
tional SUBCK pulse can be applied within the HD line while
operating in this mode. As shown in Figure 37, the location
of the additional SUBCK pulse is adjusted by setting the
SUBCKNUM_HP register as described in Table XXII. Finer
resolution of the exposure time is possible using this mode by
adding a SUBCK pulse in the line, as shown in Figure 40.
Multiple Pulse Mode
In addition to the normal operating SUBCK pulse, up to seven
sequential SUBCK pulses can be applied within the same line
while operating in this mode. As shown in Figure 41, the
number of additional SUBCK pulses is selectable by setting
SUBCKMODE_HP = 1 and the SUBCKNUM_HP registers
as described in Table XXII.
Table XXII. Single and Multiple Pulse Mode
SUBCKMODE_HP
01
Single Pulse
Multiple Pulse
SUBCKNUM_HP
Mode
Mode
0Normal Shutter
Normal Shutter
Mode Operation
Mode Operation
1
Position No. 1
1 Additional Pulse
2
Position No. 2
2 Additional Pulses
3
Position No. 3
3 Additional Pulses
4
Position No. 4
4 Additional Pulses
5
Position No. 5
5 Additional Pulses
6
Position No. 6
6 Additional Pulses
7
Position No. 7
7 Additional Pulses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com