| Electronic Components Datasheet Search |
|
AD9898 Datasheet(PDF) 44 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9898 Datasheet(HTML) 44 Page - Analog Devices |
|
44 / 52 page ![]() REV. 0 –44– AD9898 STROBE Control The AD9898 provides a STROBE output pulse that can be used to trigger the camera flash circuit. STROBE operation is set by only one register, as described in Table XXV. The STROBE output is held Low when STROBE_EN (Addr 0x0B) is set to 0 and enabled when set to 1. Providing STROBE_EN = 1, the STROBE output pulse will be asserted High on the rising edge of the last SUBCK pulse in the field, as shown in Figure 48. Figure 48 also shows the STROBE pulse asserted Low again on the rising edge of VSG. SLAVE AND MASTER MODE OPERATION The AD9898 can be operated in either slave mode or master mode. It defaults to the slave mode operation at power-up. The 1 2 1. STROBE OUTPUT ASSERTED HIGH ON RISING EDGE OF LAST SUBCK PULSE. 2. STROBE OUTPUT ASSERTED LOW ON NEGATIVE EDGE OF VSG PULSE. SUBCK STROBE VSG1– VSG2 VD tEXP SET STROBE_EN (ADDR 0x0B) = 1 Figure 48. STROBE Output Timing INTERNAL 12-BIT H-GRAY CODE COUNTER IS RESET 7 CLOCK CYCLES AFTER THE HD FALLING EDGE. VD HD CLI H-GRAY CODE COUNTER (PIXEL COUNTER) X XXXXX X X X 0 1 2 3 4567 89 10 11 12 13 14 01 2 3 4 H-COUNTER RESET H-COUNTER RESET 3ns MIN Figure 49. External VD/HD and Internal 12-Bit H-Gray Code Counter Synchronization, SLAVE Mode SLAVE_MODE register (Addr 0xD6) can be used to configure the AD9898 into master mode by setting SLAVE_MODE = 0. Slave Mode Operation While operating in slave mode, VD, HD, and VGATE are pro- vided externally from the image processor. VGATE is input active high on Pin 45. Unlike master mode operation, there is a 7 CLI clock cycle delay from the falling edge of HD to when the 12-bit gray code H counter is reset to zero (see Figure 49). Master Mode Operation While operating in master mode, VD and HD are outputs and the SYNC/VGATE pin is configured as an external SYNC input. Master mode is selected by setting register SLAVE_MODE (Addr 0xD6) = 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |