Electronic Components Datasheet Search
  English  ▼

X  

AD9898 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9898
Description  CCD Signal Processor with Precision Timing??Generator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9898 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9898 Datasheet HTML 15Page - Analog Devices AD9898 Datasheet HTML 16Page - Analog Devices AD9898 Datasheet HTML 17Page - Analog Devices AD9898 Datasheet HTML 18Page - Analog Devices AD9898 Datasheet HTML 19Page - Analog Devices AD9898 Datasheet HTML 20Page - Analog Devices AD9898 Datasheet HTML 21Page - Analog Devices AD9898 Datasheet HTML 22Page - Analog Devices AD9898 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
REV. 0
AD9898
–19–
ANALOG FRONT END (AFE) DESCRIPTION AND
OPERATION
The AD9898 AFE signal processing chain is shown in Figure 10.
Each processing step is essential to achieving a high quality image
from the raw CCD pixel data. Registers for the AD9898 AFE
section are listed in Table VII.
DC Restore
To reduce the large dc offset of the CCD output signal, a dc
restore circuit is used with an external 0.1
µF series coupling
capacitor. This restores the dc level of the CCD signal to approxi-
mately 1.5 V, which is compatible with the 3 V analog supply of
the AD9898.
Correlated Double Sampler
To extract the video information and reject low frequency noise,
the CDS circuit samples each CCD pixel twice. The timing
shown in Figure 12 illustrates how the two internally generated
CDS clocks, SHP and SHD, are used to sample the reference
level and the data level of the CCD signal, respectively. The
placement of the SHP and SHD sampling edges is determined
by the setting of the SHPLOC (Addr 0x02) and SHDLOC
(Addr 0x02) registers. Placement of these two clock edges is criti-
cal to achieving the best performance from the CCD.
Table VII. AFE Registers
Register
Bit
Name
Width Register Type
Description
VGAGAIN
10
Control (Addr 0x0E) VGA Gain
REFBLACK 6
Control (Addr 0x04)
Blk Clamp Level
AFESTBY
1
Control (Addr 0x05)
AFE Standby
6dB TO 40dB
DIGITAL
FILTER
CLPOB
DC RESTORE
OPTICAL BLACK
CLAMP
ADC
VGA
8-BIT
DAC
CLAMP LEVEL
REGISTER
VGA GAIN
REGISTER
10
CDS
INTERNAL
VREF
2V FULL
SCALE
10
PRECISION
TIMING
GENERATION
SHP
SHD
1.5V
REFT
REFB
DOUT
PHASE
V-H
TIMING
GENERATION
SHP
SHD
DOUT
PHASE
CLPOB
1.0V
2.0V
DOUT
6
1.0 F
1.0 F
CCDIN
AD9898
0.1 F
OUTPUT
DATA
LATCH
Figure 10. AFE Block Diagram
PRECISION TIMING HIGH SPEED TIMING GENERATION
The AD9898 generates flexible high speed timing signals using
the Precision Timing core. This core is the foundation for gen-
erating the timing used for both the CCD and the AFE signals,
including the reset gate RG, the horizontal drivers H1–H2, and
the CDS sample clocks. By providing precise control over the
horizontal CCD readout and the AFE correlated double sampling,
the unique architecture of the AD9898 makes optimizing image
quality a routine task for a system designer.
Timing Resolution
The Precision Timing core uses a 1
× master clock input (CLI)
as a reference. This clock should be the same as the CCD pixel
clock frequency. Figure 11 illustrates how the internal timing
core divides the master clock period into 48 steps or edge posi-
tions. Using a 20 MHz CLI frequency for the AD9898, the
edge resolution of the Precision Timing core is 1 ns. A 40 MHz
CLI frequency can be applied where the AD9898 will inter-
nally divide the CLI frequency by two. Division by one-third
and one-fourth is also provided. CLI frequency division is con-
trolled using the CLKDIV (Addr 0xD5) register.
High Speed Clock Programmability
Figure 13 shows how the high speed clocks RG, H1–H2, SHP,
and SHD are generated. The RG pulse has a fixed rising edge
and a programmable falling edge. The horizontal clock H1
has a programmable rising and a fixed falling edge occurring at
H1POSLOC + 24 steps. The H2 clock is always the inverse of
H1. Table VIII summarizes the high speed timing registers and
the parameters for the high speed clocks. Each register is six bits
wide with the 2 MSB used to select the quadrant region as
outlined in Table VIII. Figure 13 shows the range and de-
fault locations of the high speed clock signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com