Electronic Components Datasheet Search
  English  ▼

X  

AD9898 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9898
Description  CCD Signal Processor with Precision Timing??Generator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9898 Datasheet(HTML) 4 Page - Analog Devices

  AD9898 Datasheet HTML 1Page - Analog Devices AD9898 Datasheet HTML 2Page - Analog Devices AD9898 Datasheet HTML 3Page - Analog Devices AD9898 Datasheet HTML 4Page - Analog Devices AD9898 Datasheet HTML 5Page - Analog Devices AD9898 Datasheet HTML 6Page - Analog Devices AD9898 Datasheet HTML 7Page - Analog Devices AD9898 Datasheet HTML 8Page - Analog Devices AD9898 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
REV. 0
–4–
AD9898
(AVDD = 3.0 V, fCLI = 20 MHz, TMIN to TMAX, unless otherwise noted.)
ANALOG SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Comments
CDS
Allowable CCD Reset Transient
500
mV
Input Signal Characteristics
Maximum Input Range before Saturation
* 1.0
V p-p
Maximum CCD Black Pixel Amplitude
±100
mV
VARIABLE GAIN AMPLIFIER (VGA)
Maximum Output Range
2.0
V p-p
Gain Control Resolution
1024
Steps
Gain Monotonicity
Guaranteed
Gain Range
Low Gain
6
dB
Maximum Gain
40
dB
BLACK LEVEL CLAMP
Clamp Level Resolution
64
Steps
Clamp Level
LSB
LSB is measured at ADC output.
Minimum Clamp Level
0
LSB
Maximum Clamp Level
63
LSB
A/D CONVERTER
Resolution
10
Bits
Differential Nonlinearity (DNL)
±0.5
LSB
No Missing Codes
Guaranteed
Full-Scale Input Voltage
2.0
V
VOLTAGE REFERENCE
Reference Top Voltage (REFT)
2.0
V
Reference Bottom Voltage (REFB)
1.0
V
SYSTEM PERFORMANCE
Includes entire signal chain
Gain Accuracy
Low Gain (VGA Code = 20)
5
6
7
dB
Gain = (0.035
×Code) + 5.3 dB
Maximum Gain (VGA Code = 991)
39
40
41
dB
Peak Nonlinearity, 500 mV Input Signal
0.1
%
12 dB gain applied
Total Output Noise
0.3
LSB rms
AC grounded input, 6 dB gain applied
Power Supply Rejection (PSR)
40
dB
Measured with step change on supply
*Input signal characteristics defined as follows:
1V MAX
INPUT
SIGNAL RANGE
100mV MAX
OPTICAL
BLACK PIXEL
500mV TYP
RESET
TRANSIENT
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com