Electronic Components Datasheet Search
  English  ▼

X  

AD9898 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9898
Description  CCD Signal Processor with Precision Timing??Generator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9898 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9898 Datasheet HTML 12Page - Analog Devices AD9898 Datasheet HTML 13Page - Analog Devices AD9898 Datasheet HTML 14Page - Analog Devices AD9898 Datasheet HTML 15Page - Analog Devices AD9898 Datasheet HTML 16Page - Analog Devices AD9898 Datasheet HTML 17Page - Analog Devices AD9898 Datasheet HTML 18Page - Analog Devices AD9898 Datasheet HTML 19Page - Analog Devices AD9898 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
REV. 0
–16–
AD9898
SYSTEM OVERVIEW
Figure 5 shows the typical system block diagram for the AD9898.
The CCD output is processed by the AD9898’s AFE circuitry,
which consists of a CDS, VGA, black level clamp, and A/D
converter. The digitized pixel information is sent to the digital
image processor chip, which performs the postprocessing and
compression. To operate the CCD, all CCD timing parameters
are programmed into the AD9898 from the system micropro-
cessor, through the 3-wire serial interface. From the system
master clock, CLI, provided by the image processor or external
crystal, the AD9898 generates all the CCD’s horizontal and
vertical clocks and all internal AFE clocks. External synchroni-
zation is provided by a SYNC pulse from the microprocessor,
which will reset internal counters and resynchronize the VD and
HD outputs.
V-DRIVER
CCD
AD9898
DIGITAL
IMAGE
PROCESSING
ASIC
P
CLI
VGATE
HD, VD
FD
DOUT[9:0]
DCLK1
MSHUT
STROBE
H1, H2, RG, VSUB
CCDIN
V1–V4, VSG1, VSG2, SUBCK
SERIAL
INTERFACE
SYNC
OUTCONT
Figure 5. Typical System Block Diagram, Master Mode
The AD9898 powers up in slave mode, in which the VD and
HD are provided externally from the image processor. In this
mode, all AD9898 timing will be synchronized with VD and
HD. The H-drivers for H1–H2 and RG are included in the
AD9898, allowing these clocks to be directly connected to the
CCD. H-drive voltage of up to 3.6 V is supported. An external
V-driver is required for the vertical transfer clocks, the sensor
gate pulses, and the substrate clock. The AD9898 also includes
programmable MSHUT and STROBE outputs, which may be
used to trigger mechanical shutter and strobe (flash) circuitry.
Figure 6 shows the horizontal and vertical counter dimensions
for the AD9898. All internal horizontal and vertical clocking is
programmed using these dimensions and is used to specify line
and pixel locations.
12-BIT HORIZONTALCOUNTER = 4096 PIXELS MAX
MAXIMUM FIELD DIMENSIONS
Figure 6. Horizontal and Vertical Counters
CLI INPUT CLOCK DIVIDER
The AD9898 provides the capability of dividing the CLI input
clock using register CLKDIV (Addr 0xD5). The following
procedure must be followed to reset the AFE and digital circuits
when CLKDIV is reprogrammed back to 0 from CLKDIV = 1,
2, or 3. The DCLK1 output will become unstable if this proce-
dure is not followed:
Step 1: CLKDIV = 1, 2, or 3 (CLI divided by setting value)
Step 2: CLKDIV = 0 (CLI reprogrammed for no division)
Step 3: DIGSTBY = AFESTBY = 0
Step 4: DIGSTBY = AFESTBY = 1
GRAY CODE REGISTERS
Table V lists the AD9898 registers requiring gray code values.
Below is an example of applying a gray code number for
HDLEN using a line length of 1560 pixels:
HDLEN = (1560 – 4) = 155610
(See Table XI note about HDLEN.)
155610 = 0x51E
The gray code value of 0x51E would be programmed in the
12-bit HDLEN register.
Table V. Gray Code Registers
Register Name
Register Type
HDLEN
System_Reg(12)
CLPTOG1
System_Reg(15)
CLPTOG2
System_Reg(15 and 16)
HDLASTLEN
Mode_Reg(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com