| Electronic Components Datasheet Search |
|
AD9898 Datasheet(PDF) 29 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9898 Datasheet(HTML) 29 Page - Analog Devices |
|
29 / 52 page ![]() REV. 0 AD9898 –29– VGATE MASKING OF V1–V4 AND CLPOB OUTPUTS During slave mode operation, the SYNC/VGATE, Pin 45, is configured as an input for an external VGATE signal. While operating in this mode, the external VGATE signal can be used to mask the V1–V4 and CLPOB outputs. There are two options available for masking the V1–V4 and CLPOB outputs. The selection is made by setting the MSHUT/VGATE_EN register located at Control Addr 0x01. Examples of these two options are shown in Figures 26 and 27. Figure 26 shows an example of MSHUT/VGATE_EN = 0. In this example, the VGATE signal is internally latched on the falling edge of HD, resulting in the V1–V4 and CLPOB outputs being masked when the internally latched VGATE signal is High. Figure 27 shows an example when MSHUT/VGATE_EN = 1. In this example, the preprogrammed MSHUT signal blocks the VGATE input from masking V1–V4 and CLPOB outputs while MSHUT is Low. The internally latched VGATE signal will only mask V1–V4 and CLPOB when MSHUT is High while operating in this mode. V1–V4 AND CLPOB MASKED VD HD VGATE (PIN 45) VGATE (INTERNAL) V1–V4 CLPOB V1–V4 AND CLPOB MASKED Figure 26. Example of VGATE Input Masking V1–V4 and CLPOB Outputs with MSHUT/VGATE_EN = 0 V1–V4 AND CLPOB MASKED VD HD VGATE (PIN 45) VGATE (INTERNAL) V1–V4 CLPOB MSHUT Figure 27. Example of VGATE Input Masking V1–V4 and CLPOB Outputs with MSHUT/VGATE_EN = 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |