Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 96 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 96 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 92Page - Exar Corporation XRT79L71IB Datasheet HTML 93Page - Exar Corporation XRT79L71IB Datasheet HTML 94Page - Exar Corporation XRT79L71IB Datasheet HTML 95Page - Exar Corporation XRT79L71IB Datasheet HTML 96Page - Exar Corporation XRT79L71IB Datasheet HTML 97Page - Exar Corporation XRT79L71IB Datasheet HTML 98Page - Exar Corporation XRT79L71IB Datasheet HTML 99Page - Exar Corporation XRT79L71IB Datasheet HTML 100Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 434 page
background image
XRT79L71
87
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION
REV. 1.0.0
1
End of Message
R/O
End of Message Indicator:
This READ-ONLY bit-field indicates whether or not the Receive
LAPD Controller block has received a complete LAPD Message,
as described below.
0 - Receive LAPD Controller block is currently receiving a LAPD
Message, but has not received the complete message.
1 - Receive LAPD Controller block has received a complete
LAPD Message.
NOTES:
1. Once the Receive LAPD Controller block sets this bit-
field "High", this bit-field will remain high, until the
Receive LAPD Controller block begins to receive a new
LAPD Message.
2. This bit-field is only active if the XRT79L71 has been
configured to operate in the DS3, C-bit Parity Framing
format.
0
Flag Present
R/O
Receive Flag Sequence Indicator:
This READ-ONLY bit-field indicates whether or not the Receive
LAPD Controller block is currently receiving the Flag Sequence
(e.g., a continuous stream of 0x7E octets within the Data Link
channel), as described below
.0 - Indicates that the Receive LAPD Controller block is NOT cur-
rently receiving the Flag Sequence octet.
1 - Indicates that the Receive LAPD Controller block is currently
receiving the Flag Sequence octet.
NOTE: This bit-field is only active if the XRT79L71 has been
configured to operate in the DS3, C-bit Parity Framing
format.
Receive DS3 Pattern Register (Address = 0x112F)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DS3 AIS-
Unframed
"All-Ones"
DS3 AIS
Non Stuck
Stuff
Unused
Receive LOS
Pattern
Receive DS3 Idle Pattern[3:0]
R/W
R/W
R/O
R/W
R/W
R/W
R/W
R/W
0
0
0
0
1
1
0
0
BIT NUMBER
NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com