Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 62 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 62 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 58Page - Exar Corporation XRT79L71IB Datasheet HTML 59Page - Exar Corporation XRT79L71IB Datasheet HTML 60Page - Exar Corporation XRT79L71IB Datasheet HTML 61Page - Exar Corporation XRT79L71IB Datasheet HTML 62Page - Exar Corporation XRT79L71IB Datasheet HTML 63Page - Exar Corporation XRT79L71IB Datasheet HTML 64Page - Exar Corporation XRT79L71IB Datasheet HTML 65Page - Exar Corporation XRT79L71IB Datasheet HTML 66Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 434 page
background image
XRT79L71
53
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION
REV. 1.0.0
6
Multi-PHY Polling Enable
R/W
Multi-PHY Polling Enable:
This READ/WRITE bit-field permits the user to either enable or
disable Multi-PHY Polling for the Transmit UTOPIA Interface
block. If the user implements this feature (and configures the
XRT79L71 to operate in the Multi-PHY Mode) then the TxUClav
output pin will be driven (either "High" or "Low") based upon the
fill-status of the Transmit FIFO within the Channel that corre-
sponds to the Transmit UTOPIA Address that is currently being
applied to the TxUAddr[4:0] input pins.
If the user does not implement this feature (and then configures
the XRT79L71 to operate in the Single-PHY Mode), then the
TxUClav output pin will unconditionally reflect the Transmit FIFO
fill-status for Channel 0. No attention will be paid to the address
values placed upon the TxUAddr[4:0] input pins.
0 - Configures the Transmit UTOPIA Interface block to operate in
the Single-PHY Mode.
1 - Configures the Transmit UTOPIA Interface block to operate in
the Multi-PHY Mode.
5
Back-to-Back Polling
Enable
R/W
Back-to-Back Polling Enable:
This READ/WRITE bit-field permits the user to configure the
Transmit UTOPIA Interface block to support Back-to-Back Poll-
ing.
Ordinarily, for Multi-PHY polling, the user is required to interleave
all UTOPIA Address values (that are to be placed on the TxU-
Addr[4:0] input pins) with the NULL Address (e.g., 0x1F). How-
ever, if the user configures the Transmit UTOPIA Interface block
to operate in the UTOPIA Level 3 Mode, and if the user also
enables Back-to-Back Polling, then the user does not need inter-
leave the UTOPIA Addresses with the NULL Address. In this
case, the user can simply apply a back-to-back stream of rele-
vant UTOPIA Addresses to the TxUAddr[4:0] input pins, and the
XRT79L71 will respond by driving the TxUClav output pins to the
appropriate states (depending upon the Transmit FIFO fill-sta-
tus).
0 - Disables Back-to-Back Polling. In this mode, the user must
interleave all UTOPIA Addresses (that are to be applied to the
TxUAddr[4:0] input pins) with the NULL Address.
1 - Enables Back-to-Back Polling. In this mode, the user does
not need to interleave all UTOPIA Addresses (that are to be
applied to the TxUAddr[4:0] input pins) with the NULL Address.
NOTE: In order to configure the Transmit UTOPIA Interface block
to operate in the Back-to-Back Polling Mode, the user
must also do the following.
a. Configure the Transmit UTOPIA Interface to operate in the
UTOPIA Level 3 Mode. This is accomplished by setting
Bit 7 (UTOPIA Level 3 Disable) within this Register to "0".
b. Configure the Transmit UTOPIA Interface to support Multi-
PHY Polling. This is accomplished by setting Bit 6 (Multi-
PHY Polling Enable) within this register to "1".
4
Direct Status Indication
Enable
R/W
BIT NUMBER
NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com