Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 75 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 75 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 71Page - Exar Corporation XRT79L71IB Datasheet HTML 72Page - Exar Corporation XRT79L71IB Datasheet HTML 73Page - Exar Corporation XRT79L71IB Datasheet HTML 74Page - Exar Corporation XRT79L71IB Datasheet HTML 75Page - Exar Corporation XRT79L71IB Datasheet HTML 76Page - Exar Corporation XRT79L71IB Datasheet HTML 77Page - Exar Corporation XRT79L71IB Datasheet HTML 78Page - Exar Corporation XRT79L71IB Datasheet HTML 79Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 434 page
background image
XRT79L71
66
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION
2
Frame Format
R/W
Frame Format:
This READ/WRITE bit-field, along with Bit 6 (IsDS3), permits the
user to configure the both the Receive DS3/E3 Framer and the
Transmit DS3/E3 Framer blocks to operate in the appropriate
framing format. The relationship between the state of this bit-
field, Bit 2 and the resulting framing format is presented below.
NOTE: These bit settings also configure the Transmit DS3/E3
LIU and Receive DS3/E3 LIU Blocks into either the DS3
or E3 Modes.
1 - 0
TimRefSel[1:0]
R/W
Time Reference Select:
These two READ/WRITE bit-fields permit the user to define both
the timing source and the framing-alignment source for the
Transmit DS3/E3 Framer block, as presented below.
BIT NUMBER
NAME
TYPE
DESCRIPTION
Bit 2 (Frame
Format)
0
1
0
1
Bit 6 (IsDS3)
0
0
1
1
Framing Format
E3, ITU-T G.751
E3, ITU-T G.832
DS3, C-bit Parity
DS3, M13
00
Loop-Timing (Transmit
DS3/E3 Framer block
timing is taken from the
Receive DS3/E3 LIU
block)
The Transmit DS3/E3
Framer block will initiate
the generation of a given
"outbound" DS3/E3 frame,
based upon a clock signal
that is asynchronous with
respect to any externally
supplied signal
TimRefSel[1:0]
Timing Reference
Framing Reference
The TxInClk input pin will
function as the Timing
Source for the Transmit
DS3/E3 Framer block
The Transmit DS3/E3
Framer block will generate
a new DS3/E3 frame upon
the rising edge of the
TxFrameRef Input
The Transmit DS3/E3
Framer block will generate
a new DS3/E3 frame upon
the rising edge of the
TxFrameRef Input
The TxInClk input pin will
function as the Timing
Source for the Transmit
DS3/E3 Framer block
Asynchronous
The TxInClk input pin will
function as the Timing
Source for the Transmit
DS3/E3 Framer block
Asynchronous
01
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com