| Electronic Components Datasheet Search |
|
XRT79L71IB Datasheet(PDF) 36 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT79L71IB Datasheet(HTML) 36 Page - Exar Corporation |
|
36 / 434 page ![]() XRT79L71 27 1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION REV. 1.0.0 0 Software RESET R/W Software RESET: This READ-WRITE bit-field permits the user to reset the XRT79L71. 0 - Normal Operation. 1 - Configure the XRT79L71 into RESET Mode. Device ID Register (Address = 0x0104) BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 DEVICE_ID_VALUE [7:0] R/O R/O R/O R/O R/O R/O R/O R/O 0 1 1 1 1 0 1 0 BIT NUMBER NAME TYPE DESCRIPTION 7 - 0 Device ID Value R/O Device ID Value: This READ-ONLY bit-field is set to the value "0x7A" and permits the user's software code to uniquely identify this device as the XRT79L71. Revision ID Register (Address = 0x0105) BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 Revision Number Value R/O R/O R/O R/O R/O R/O R/O R/O 0 0 0 0 0 0 0 1 BIT NUMBER NAME TYPE DESCRIPTION 7 - 0 Revision Number Value R/O Revision Number Value: This READ-ONLY bit-field is set to the value that corresponds to its revision number. Revision A silicon will be set to the value "0x01". This register permits the user's software code to uniquely identify the revision number of the XRT79L71. Operation Interrupt Status Register - Byte 1 (Address = 0x0112) BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 Unused DS3/E3 LIU/JA Block Interrupt Status DS3/E3 Framer Block Inter- rupt Status Unused R/O R/O R/O R/O R/O R/O R/O R/O 0 0 0 0 0 0 0 0 BIT NUMBER NAME TYPE DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |