| Electronic Components Datasheet Search |
|
XRT79L71IB Datasheet(PDF) 46 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT79L71IB Datasheet(HTML) 46 Page - Exar Corporation |
|
46 / 434 page ![]() XRT79L71 37 1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION REV. 1.0.0 3 General Purpose Pin Direction - GPIO_3 R/W General Purpose Pin Direction - GPIO_3: This READ/WRITE bit-field permits the user to define the Gen- eral Purpose I/O Pin, GPIO_3 (Pin R8) as either in Input pin or an Output pin, as described below.0 - Configures GPIO_3 (Pin R8) to function as an input pin.1 - Configures GPIO_3 (Pin R8) to function as an output pin. NOTES: 1. If GPIO_3 is configured to function as an input pin, then the user can monitor the state of this input pin by reading out the state of Bit 3 (General Purpose Data[3]) within the Operation General Purpose Pin Data Register (Address = 0x0147). 2. If GPIO_3 is configured to function as an output pin, then the user can control the state of this output pin by writing the appropriate value into Bit 3 (General Purpose Data[3]) within the Operation General Purpose Pin Data Register (Address =0x0147). 2 General Purpose Pin Direction - GPIO_2 R/W General Purpose Pin Direction - GPIO_2: This READ/WRITE bit-field permits the user to define the Gen- eral Purpose I/O Pin, GPIO_2 (Pin P8) as either in Input pin or an Output pin, as described below.0 - Configures GPIO_2 (Pin P8) to function as an input pin.1 - Configures GPIO_2 (Pin P8) to function as an output pin. NOTES: 1. If GPIO_2 is configured to function as an input pin, then the user can monitor the state of this input pin by reading out the state of Bit 2 (General Purpose Data[2]) within the Operation General Purpose Pin Data Register (Address = 0x0147). 2. If GPIO_2 is configured to function as an output pin, then the user can control the state of this output pin by writing the appropriate value into Bit 2 (General Purpose Data[2]) within the Operation General Purpose Pin Data Register (Address =0x0147). 1 General Purpose Pin Direction - GPIO_1 R/W General Purpose Pin Direction - GPIO_1: This READ/WRITE bit-field permits the user to define the Gen- eral Purpose I/O Pin, GPIO_1 (Pin N8) as either in Input pin or an Output pin, as described below.0 - Configures GPIO_1 (Pin N8) to function as an input pin.1 - Configures GPIO_1 (Pin N8) to function as an output pin. NOTES: 1. If GPIO_1 is configured to function as an input pin, then the user can monitor the state of this input pin by reading out the state of Bit 1 (General Purpose Data[1]) within the Operation General Purpose Pin Data Register (Address = 0x0147). 2. If GPIO_1 is configured to function as an output pin, then the user can control the state of this output pin by writing the appropriate value into Bit 1 (General Purpose Data[1]) within the Operation General Purpose Pin Data Register (Address =0x0147). BIT NUMBER NAME TYPE DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |