Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 33 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 33 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 29Page - Exar Corporation XRT79L71IB Datasheet HTML 30Page - Exar Corporation XRT79L71IB Datasheet HTML 31Page - Exar Corporation XRT79L71IB Datasheet HTML 32Page - Exar Corporation XRT79L71IB Datasheet HTML 33Page - Exar Corporation XRT79L71IB Datasheet HTML 34Page - Exar Corporation XRT79L71IB Datasheet HTML 35Page - Exar Corporation XRT79L71IB Datasheet HTML 36Page - Exar Corporation XRT79L71IB Datasheet HTML 37Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 434 page
background image
XRT79L71
24
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION
OPERATION BLOCK INTERRUPT REGISTER BIT FORMATS
Operation Control Register - Byte 3 (Address = 0x0100)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Unused
Configura-
tion Control
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/W
0
0
0
0
0
0
0
0
BIT NUMBER
NAME
TYPE
DESCRIPTION
7 - 6
Unused
R/O
0
Configuration Control
R/W
Configuration Control:
This READ/WRITE bit-field permits the user to configure the
XRT79L71 to support any of the following configurations.
• ATM/PPP
• Clear Channel/HDLC
The following table presents the relationship between the value
written into these register bits and the corresponding Mode of
operation.
Operation Control Register - Byte 2 (Address = 0x0101)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Unused
Interrupt
WC/INT*
Enable
Interrupt
Auto-Clear
Interrupt
Enable
R/O
R/O
R/O
R/O
R/O
R/W
R/W
R/W
0
0
0
0
0
0
0
0
BIT NUMBER
NAME
TYPE
DESCRIPTION
7 - 3
Unused
R/O
Please set to "0" for normal operation.
Configuration Control
Mode
ATM/PPP
Clear Channel/HDLC
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com