| Electronic Components Datasheet Search |
|
XRT79L71IB Datasheet(PDF) 41 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT79L71IB Datasheet(HTML) 41 Page - Exar Corporation |
|
41 / 434 page ![]() XRT79L71 32 REV. 1.0.0 1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION CHANNEL INTERRUPT INDICATION REGISTERS Channel Interrupt Indicator - Receive Cell Processor/PPP Processor Block (Address = 0x0119) BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 Unused Receive ATM Cell/PPP Packet Proces- sor Block Interrupt R/O R/O R/O R/O R/O R/O R/O R/O 0 0 0 0 0 0 0 0 BIT NUMBER NAME TYPE DESCRIPTION 7 - 1 Unused R/O 0 Receive ATM Cell/PPP Packet Processor Block Interrupt R/O Receive ATM Cell/PPP Packet Processor Block Interrupt - XRT79L71: This READ/ONLY bit-field indicates whether or not the Receive ATM Cell Processor block, associated with the XRT79L71 is declaring an Interrupt, as described below. 0 - The Receive ATM Cell/PPP Packet Processor block, associ- ated with the XRT79L71 is NOT declaring an Interrupt. 1 - The Receive ATM Cell/PPP Packet Processor block, associ- ated with the XRT79L71 is currently declaring an interrupt. Channel Interrupt Indicator - LIU/Jitter Attenuator Block (Address = 0x011D) BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 Unused LIU/JA Block Interrupt- Channel 0 R/O R/O R/O R/O R/O R/O R/O R/O 0 0 0 0 0 0 0 0 BIT NUMBER NAME TYPE DESCRIPTION 7 - 1 Unused R/O 0 LIU/JA Block Interrupt - Channel 0 R/O LIU/JA Block Interrupt - Channel 0: This READ/ONLY bit-field indicates whether or not the LIU/JA block, associated with XRT79L71 is declaring an Interrupt, as described below. 0 - The LIU/JA block, associated with XRT79L71 is NOT declar- ing an Interrupt. 1 - The LIU/JA block, associated with XRT79L71 is currently declaring an interrupt. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |