Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 89 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 89 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 85Page - Exar Corporation XRT79L71IB Datasheet HTML 86Page - Exar Corporation XRT79L71IB Datasheet HTML 87Page - Exar Corporation XRT79L71IB Datasheet HTML 88Page - Exar Corporation XRT79L71IB Datasheet HTML 89Page - Exar Corporation XRT79L71IB Datasheet HTML 90Page - Exar Corporation XRT79L71IB Datasheet HTML 91Page - Exar Corporation XRT79L71IB Datasheet HTML 92Page - Exar Corporation XRT79L71IB Datasheet HTML 93Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 434 page
background image
XRT79L71
80
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION
5
Change of AIS Defect
Condition Interrupt Status
RUR
Change in AIS Defect Condition Interrupt Status:
This RESET-upon-READ register indicates whether or not the
Change in AIS Defect Condition Interrupt has occurred since the
last read of this register as depicted below.
0 - The Change in AIS Defect Condition Interrupt has not
occurred since the last read of this register.
1 - The Change in AIS Defect Condition Interrupt has occurred
since the last read of this register.
4
Change of DS3 Idle
Condition Interrupt Status
RUR
Change in DS3 Idle Condition Interrupt Status:
This RESET-upon-READ register indicates whether or not the
Change in DS3 Idle Condition interrupt has occurred since the
last read of this register.
0 - The Change in DS3 Idle Condition Interrupt has not occurred
since the last read of this register.
1 - The Change in DS3 Idle Condition Interrupt has occurred
since the last read of this register.
3
Change of FERF/RDI
Defect Condition Inter-
rupt Status
RUR
Change in FERF/RDI Defect Condition Interrupt Status:
This RESET-upon-READ register indicates whether or not the
Change in FERF/RDI Defect Condition Interrupt has occurred
since the last read of this register.
0 - The Change in FERF/RDI Defect Condition Interrupt has not
occurred since the last read of this register.
1 - The Change in FERF/RDI Defect Condition Interrupt has
occurred since the last read of this register.
2
Change of AIC State
Interrupt Status
RUR
Change in AIC State Interrupt Status:
This RESET-upon-READ register bit indicates whether or not the
Change in AIC State interrupt has occurred since the last read of
this register.
0 - The Change in AIC State Interrupt has not occurred since the
last read of this register.
1 - The Change in AIC State Interrupt has occurred since the last
read of this register.
1
Change of OOF Defect
Condition Interrupt Status
RUR
Change in OOF Defect Condition Interrupt Status:
This RESET-upon-READ register indicates whether or not the
Change in OOF Defect Condition Interrupt has occurred since
the last read of this register.
0 - The Change in OOF Defect Condition Interrupt has not
occurred since the last read of this register.
1 - The Change in OOF Defect Condition Interrupt has occurred
since the last read of this register.
0
Detection of P-Bit Error
Interrupt Status
RUR
Detection of P-Bit Error Interrupt Status:
This RESET-upon-READ bit-field indicates whether or not the
Detection of CP-Bit Error Interrupt has occurred since the last
read of this register.
0 - The Detection of CP-Bit Error Interrupt has not occurred
since the last read of this register.
1 - The Detection of CP-Bit Error Interrupt has occurred since
the last read of this register.
BIT NUMBER
NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com