Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 97 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 97 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 93Page - Exar Corporation XRT79L71IB Datasheet HTML 94Page - Exar Corporation XRT79L71IB Datasheet HTML 95Page - Exar Corporation XRT79L71IB Datasheet HTML 96Page - Exar Corporation XRT79L71IB Datasheet HTML 97Page - Exar Corporation XRT79L71IB Datasheet HTML 98Page - Exar Corporation XRT79L71IB Datasheet HTML 99Page - Exar Corporation XRT79L71IB Datasheet HTML 100Page - Exar Corporation XRT79L71IB Datasheet HTML 101Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 434 page
background image
XRT79L71
88
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION
RECEIVE E3, ITU-T G.751 RELATED REGISTERS
BIT NUMBER
NAME
TYPE
DESCRIPTION
7
DS3 AIS - Unframed "All-
Ones"
R/W
DS3 AIS - Unframed "All-Ones" - AIS Pattern:
This READ/WRITE bit-field, (along with the Non-Stuck-Stuff bit)
permits the user specify the AIS Declaration criteria for the
Receive DS3 Framer block, as described below.
0 - Configures the Receive DS3 Framer block to declare the AIS
defect condition, when receiving a DS3 signal carrying a framed
1010.. pattern.
1 - Configures the Receive DS3 Framer block to declare an AIS
condition, when receiving either an unframed, "All-Ones" pattern
or a framed 1010.. pattern.
6
DS3 AIS -Non-Stuck Stuff
R/W
DS3 AIS -Non-Stuck-Stuff Option - AIS Pattern:
This READ/WRITE bit-field (along with the Unframed "All-Ones"
- AIS Pattern bit-field) permits the user to define the AIS Defect
Declaration criteria for the Receive DS3 Framer block, as
described below.
0 - Configures the Receive DS3 Framer block to require that all
C bits are set to "0" before it will declare the AIS defect condition.
1 - Configures the Receive DS3 Framer block to NOT require
that all C bits are set to "0" before it will declare the AIS defect
condition. In this mode, no attention will be paid to the state of
the "C" bits within the incoming DS3 data-stream.
5
Unused
R/O
4
Receive LOS Pattern
R/W
Receive LOS Pattern:
This READ/WRITE bit-field permits the user to define the LOS
Defect Declaration criteria for the Receive DS3 Framer block, as
described below.
0 - Configures the Receive DS3 Framer block to declare the
LOS defect condition if it receives a string of a specific length of
consecutive zeros.
1 - Configures the Receive DS3 Framer block to declare the
LOS defect condition if it receives a string (of a specific length) of
consecutive ones.
NOTE: This bit-field is only enabled if the "Internal LOS Enable"
feature has been enabled within the Receive DS3/E3
Framer block.
3 - 0
Receive DS3 Idle
Pattern[3:0]
R/W
Receive DS3 Idle Pattern:
These READ/WRITE bit-fields permit the user to specify the pat-
tern in which the Receive DS3 Framer block will recognize as
the DS3 Idle Pattern.
NOTE: The Bellcore GR-499-CORE specified value for the Idle
Pattern is a framed repeating "1, 1, 0, 0…" pattern.
Therefore, if the user wishes to configure the Receive
DS3 Framer block to declare an Idle Pattern when it
receives this pattern, then the user write the value [1100]
into these bit-fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com