Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 77 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 77 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 73Page - Exar Corporation XRT79L71IB Datasheet HTML 74Page - Exar Corporation XRT79L71IB Datasheet HTML 75Page - Exar Corporation XRT79L71IB Datasheet HTML 76Page - Exar Corporation XRT79L71IB Datasheet HTML 77Page - Exar Corporation XRT79L71IB Datasheet HTML 78Page - Exar Corporation XRT79L71IB Datasheet HTML 79Page - Exar Corporation XRT79L71IB Datasheet HTML 80Page - Exar Corporation XRT79L71IB Datasheet HTML 81Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 434 page
background image
XRT79L71
68
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION
Framer Block Interrupt Enable Register (Address = 0x1104)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Receive
DS3/E3
Framer
Block
Interrupt
Enable
Receive
PLCP
Processor
Block
Interrupt
Enable
Unused
Transmit
DS3/E3
Framer
Block
Interrupt
Enable
One Second
Interrupt
R/W
R/O
R/O
R/O
R/O
R/O
R/W
R/W
0
0
0
0
0
0
0
0
BIT NUMBER
NAME
TYPE
DESCRIPTION
7
Receive DS3/E3 Framer
Block Interrupt Enable
R/W
Receive DS3/E3 Framer Block Interrupt Enable:
This READ/WRITE bit-field permits the user to enable or disable
the Receive DS3/E3 Framer block for Interrupt Generation. If
the user enables the Receive DS3/E3 Framer block (for Interrupt
Generation) at the block level, the user still needs to enable the
interrupts at the Source level, in order for these interrupts to be
enabled.
However, if the user disables the Receive DS3/E3 Framer block
(for Interrupt Generation) at the Block Level, then ALL Receive
DS3/E3 Framer block-related interrupts are disabled.
0 - The Receive DS3/E3 Framer block is Disabled for Interrupt
Generation.
1 - The Receive DS3/E3 Framer block is enabled (at the Block
level) for Interrupt Generation.
6
Receive PLCP Processor
Block Interrupt Enable
R/W
Receive PLCP Processor Block Interrupt Enable:
This READ/WRITE bit-field permits the user to enable or disable
the Receive PLCP Processor block for Interrupt Generation. If
the user enables the Receive PLCP Processor block (for Inter-
rupt Generation) at the block level, the user will still need to
enable the individual interrupts at the Source Level, as well, in
order for these interrupts to be enabled.
However, if the user disables the Receive PLCP Processor block
(for Interrupt Generation) at the Block Level, then ALL Receive
PLCP Processor block-related interrupts are disabled.
0 - The Receive PLCP Processor block is disabled for Interrupt
Generation.
1 - The Receive PLCP Processor block is enabled for Interrupt
Generation.
NOTE: This bit-field is only active if the XRT79L71 has been
configured to operate in the ATM/PLCP Mode.
5 - 2
Unused
R/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com