Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 44 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 44 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 40Page - Exar Corporation XRT79L71IB Datasheet HTML 41Page - Exar Corporation XRT79L71IB Datasheet HTML 42Page - Exar Corporation XRT79L71IB Datasheet HTML 43Page - Exar Corporation XRT79L71IB Datasheet HTML 44Page - Exar Corporation XRT79L71IB Datasheet HTML 45Page - Exar Corporation XRT79L71IB Datasheet HTML 46Page - Exar Corporation XRT79L71IB Datasheet HTML 47Page - Exar Corporation XRT79L71IB Datasheet HTML 48Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 434 page
background image
XRT79L71
35
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION
REV. 1.0.0
2
General Purpose Data[2]
R/W
General Purpose Data - GPIO_2:
The exact function of this bit-field depends upon whether Gen-
eral Purpose I/O Pin, GPIO_2 (Pin P8) has been configured to
function as an input or an output pin, as described below.
If GPIO_2 is configured to function as an input pin
If GPIO_2 is configured to function as an input pin, then the user
can monitor the state of this particular input pin by reading out
the state of this bit-field.If this bit-field is set to "0" then it means
that GPIO_2 is currently pulled to a logic "Low" level. Con-
versely, if this bit-field is set to "1", then it means that GPIO_2 is
currently pulled to a logic "High" level.
NOTE: If GPIO_2 is configured to function as an input pin, then
writing to this particular register will have no affect on the
state of this pin.
If GPIO_2 is configured to function as an output pin
If GPIO_2 is configured to function as an output pin, then the
user can control the state of this particular output pin by writing
the appropriate value to this bit-field.
Setting this bit-field to "0" will cause GPIO_2 to be driven to a
logic "Low" level. Conversely, setting this bit-field to "1" will
cause GPIO_2 to be driven to a logic "High" level.
NOTE: GPIO_2 can be configured to function as either an input
or output pin, by writing the appropriate value to Bit 2
(General Purpose Pin Direction[2]) within the Operation
General Purpose Pin Direction Control Register
(Address = 0x014B).
1
General Purpose Data[1]
R/W
General Purpose Data - GPIO_1:
The exact function of this bit-field depends upon whether Gen-
eral Purpose I/O Pin, GPIO_1 (Pin N8) has been configured to
function as an input or an output pin, as described below.
If GPIO_1 is configured to function as an input pin
If GPIO_1 is configured to function as an input pin, then the user
can monitor the state of this particular input pin by reading out
the state of this bit-field.If this bit-field is set to "0" then it means
that GPIO_1 is currently pulled to a logic "Low" level. Con-
versely, if this bit-field is set to "1", then it means that GPIO_1 is
currently pulled to a logic "High" level.
NOTE: If GPIO_1 is configured to function as an input pin, then
writing to this particular register will have no affect on the
state of this pin.
If GPIO_1 is configured to function as an output pin
If GPIO_1 is configured to function as an output pin, then the
user can control the state of this particular output pin by writing
the appropriate value to this bit-field.Setting this bit-field to "0"
will cause GPIO_1 to be driven to a logic "Low" level. Con-
versely, setting this bit-field to "1" will cause GPIO_1 to be driven
to a logic "High" level.
NOTE: GPIO_1 can be configured to function as either an input
or output pin, by writing the appropriate value to Bit 1
(General Purpose Pin Direction[1]) within the Operation
General Purpose Pin Direction Control Register
(Address = 0x014B).
BIT NUMBER
NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com