Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 76 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 76 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 72Page - Exar Corporation XRT79L71IB Datasheet HTML 73Page - Exar Corporation XRT79L71IB Datasheet HTML 74Page - Exar Corporation XRT79L71IB Datasheet HTML 75Page - Exar Corporation XRT79L71IB Datasheet HTML 76Page - Exar Corporation XRT79L71IB Datasheet HTML 77Page - Exar Corporation XRT79L71IB Datasheet HTML 78Page - Exar Corporation XRT79L71IB Datasheet HTML 79Page - Exar Corporation XRT79L71IB Datasheet HTML 80Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 434 page
background image
XRT79L71
67
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION
REV. 1.0.0
I/O Control Register (Address = 0x1101)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Disable
TxLOC
LOC
Disable
RxLOC
Reserved
Reframe
R/W
R/O
R/W
R/O
R/O
R/O
R/O
R/W
1
0
1
0
0
1
0
0
BIT NUMBER
NAME
TYPE
DESCRIPTION
7
Disable TxLOC
R/W
Disable Transmit Loss of Clock Feature:
This READ/WRITE bit-field permits the user to either enable or
disable the Transmit Loss of Clock feature.
If this feature is enabled, then the DS3/E3 Framer block will
enable some circuitry that will terminate the current READ or
WRITE access (to the Microprocessor Interface), if a Loss of
Transmit (or Frame Generator) Clock Event were to occur.
The intent behind this feature is to prevent any READ/WRITE
accesses (to the DS3/E3 Framer block) from hanging in the
event of a Loss of Clock event.
0 - Enables the Transmit Loss of Clock feature.
1 - Disables the Transmit Loss of Clock feature.
6
LOC
R/O
Loss of Clock Indicator:
This READ-ONLY bit-field indicates that the Channel has experi-
ences a Loss of Clock event.
5
Disable RxLOC
R/W
Disable Receive Loss of Clock Feature:
This READ/WRITE bit-field permits the user to either enable or
disable the Receive Loss of Clock feature.
If this feature is enabled, then the DS3/E3 Framer block will
enable some circuitry that will terminate the current READ or
WRITE access (to the Microprocessor Interface), if a Loss of
Receiver Clock Event were to occur.
The intent behind this feature is to prevent any READ/WRITE
accesses (to the DS3/E3 Framer block) from hanging in the
event of a Loss of Clock event.
0 - Enables the Receive Loss of Clock feature.
1 - Disables the Receive Loss of Clock feature.
4 - 1
Reserved
the User must make sure that each of these bits are set to "0" in
order to ensure proper operation.
0
Reframe
R/W
Receive DS3/E3 Framer Block - Reframe Command:
A "0" to "1" transition, within this bit-field commands the Receive
DS3/E3 Framer block to exit the Frame Maintenance Mode, and
go back and enter the Frame Acquisition Mode
NOTE: The user should go back and set this bit-field to "0"
following execution of the Reframe Command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com