Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 64 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 64 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 60Page - Exar Corporation XRT79L71IB Datasheet HTML 61Page - Exar Corporation XRT79L71IB Datasheet HTML 62Page - Exar Corporation XRT79L71IB Datasheet HTML 63Page - Exar Corporation XRT79L71IB Datasheet HTML 64Page - Exar Corporation XRT79L71IB Datasheet HTML 65Page - Exar Corporation XRT79L71IB Datasheet HTML 66Page - Exar Corporation XRT79L71IB Datasheet HTML 67Page - Exar Corporation XRT79L71IB Datasheet HTML 68Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 434 page
background image
XRT79L71
55
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION
REV. 1.0.0
Transmit UTOPIA Interface - Port Address Register (Address = 0x0593)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Unused
Transmit UTOPIA Port Address[4:0]
R/O
R/O
R/O
R/W
R/W
R/W
R/W
R/W
0
0
0
0
0
0
0
0
BIT NUMBER
NAME
TYPE
DESCRIPTION
7 - 5
Unused
R/O
4 - 0
Transmit UTOPIA Port
Address[4:0]
R/W
Transmit UTOPIA Port Address[4:0]:
These READ/WRITE register bits, along with the Transmit UTO-
PIA Port Number[4:0] bits (within the Trasnmit UTOPIA Port
Number Register (Address = 0x0597) permit the user to assign a
unique Transmit UTOPIA address the XRT79L71.
For UTOPIA Level 2/3 applications, the user can write in any
value, ranging from 0x00 through 0x1E into this register.
The Transmit UTOPIA Address Assignment Procedure:
In order to assign a UTOPIA Address to a given Channel (or
Port) within the XRT79L71, the user must do the following.
a. Write the value corresponding to a given XRT79L71
Channel into the Transmit UTOPIA Port Number Register
(Address = 0x0597).
b. Write the corresponding UTOPIA Address value into this
register.
Once this two-step procedure has been executed, then the
XRT79L71 Channel (as specified during step a) will be assigned
the Transmit UTOPIA Address value (as specified during step b).
Transmit UTOPIA Interface - Port Number Register (Address = 0x0597)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Unused
Transmit UTOPIA Port Number[4:0]
R/O
R/O
R/O
R/W
R/W
R/W
R/W
R/W
0
0
0
0
0
0
0
0
BIT NUMBER
NAME
TYPE
DESCRIPTION
7 - 5
Unused
R/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com