Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 56 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 56 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 52Page - Exar Corporation XRT79L71IB Datasheet HTML 53Page - Exar Corporation XRT79L71IB Datasheet HTML 54Page - Exar Corporation XRT79L71IB Datasheet HTML 55Page - Exar Corporation XRT79L71IB Datasheet HTML 56Page - Exar Corporation XRT79L71IB Datasheet HTML 57Page - Exar Corporation XRT79L71IB Datasheet HTML 58Page - Exar Corporation XRT79L71IB Datasheet HTML 59Page - Exar Corporation XRT79L71IB Datasheet HTML 60Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 434 page
background image
XRT79L71
47
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION
REV. 1.0.0
0
Receive Level 2 Mode
(CONTINUED)
R/W
If the Receive POS-PHY Interface block is configured to
operate in the Receive POS-PHY Level 3 Mode
If the Receive POS-PHY Interface block is configured to operate
in the POS-PHY Level 3 Mode, then all of the following are true.·
When polling, the Receive POS-PHY Interface block will drive
the RxPPA output pin to the appropriate level (reflecting the
RxFIFO fill-status) within TWO RxPClk periods (in lieu of one
RxPClk periods) after sampling a given POS-PHY Port Address
via the RxPAddr[4:0] input pins.· The Link Layer Processor must
be responsive to In-Band Addressing signals from the Receive
POS-PHY Interface block, anytime it (the Receive POS-PHY
Interface block) wishes to perform Select to READ operations
with the Link Layer Processor. This means that for Select to
READ operations, the Receive POS-PHY Interface (and NOT
the Link Layer Processor) will function as the POS-PHY Bus
Master.
NOTE: If the user configures the Receive POS-PHY Interface
block to operate in the POS-PHY Level 3 Mode, then
(for Multi-PHY Applications) the Receive POS-PHY
Interface (and NOT the Link Layer Processor) will
function as the POS-PHY Bus Master, particular during
Select to READ Operations. As a consequence, if the
user plans to design the XRT79L71 in a PPP
Applications, in which multiple PHY-Layer devices will
share a common POS-PHY Bus, then the user is
strongly advised to ONLY configure the Receive POS-
PHY Interface (within the XRT79L71) to operate in the
POS-PHY Level 2 Mode.
The XRT79L71 does not
contain any hooks to support any sort of POS-PHY
Arbitration Scheme if it is configured to operate in the
POS-PHY Level 3 Mode.
Receive POS-PHY Interface - Receive Control Register Byte - 1 (Address = 0x0501)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Unused
Chunk_Size[2:0]/
RxFIFO_Packet_Fill_Level[2:0]
Receive POS-PHY Data
Bus Width[1:0]
Receive Mode[1:0]
R/O
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0
0
0
0
0
0
0
BIT NUMBER
NAME
TYPE
DESCRIPTION
7
Unused
R/O
BIT NUMBER
NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com