Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 61 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 61 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 57Page - Exar Corporation XRT79L71IB Datasheet HTML 58Page - Exar Corporation XRT79L71IB Datasheet HTML 59Page - Exar Corporation XRT79L71IB Datasheet HTML 60Page - Exar Corporation XRT79L71IB Datasheet HTML 61Page - Exar Corporation XRT79L71IB Datasheet HTML 62Page - Exar Corporation XRT79L71IB Datasheet HTML 63Page - Exar Corporation XRT79L71IB Datasheet HTML 64Page - Exar Corporation XRT79L71IB Datasheet HTML 65Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 434 page
background image
XRT79L71
52
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION
TRANSMIT UTOPIA INTERFACE BLOCK - ATM UNI APPLICATIONS
This section presents the Register Description/Address Map of the control registers associated with the
Transmit UTOPIA Interface blocks for ATM UNI Applications. The Register Description/Address Map of these
control registers for PPP Applications will be presented in the next section.
TABLE 3: TRANSMIT UTOPIA INTERFACE BLOCK - REGISTER/ADDRESS MAP - ATM UNI APPLICATIONS
ADDRESS LOCATION
REGISTER NAME
TYPE
DEFAULT
VALUE
TRANSMIT UTOPIA INTERFACE CONTROL REGISTERS
00x580
Reserved
R/O
0x00
0x0581
Transmit UTOPIA Interface - Transmit Control Register - Byte 2
R/W
0x38
0x0582
Transmit UTOPIA Interface - Transmit Control Register - Byte 1
R/W
0x00
0x0583
Transmit UTOPIA Interface - Transmit Control Register - Byte 0
R/W
0x00
0x0584 - 0x0592
Reserved
R/O
0x00
0x0593
Transmit UTOPIA Interface - Port Address Register
R/W
0x00
0x0594 - 0x0596
Reserved
R/O
0x00
0x0597
Transmit UTOPIA Interface - Port Number Register
R/W
0x00
0x0598 - 0x10FF
Reserved
R/O
0x00
Transmit UTOPIA Interface - Transmit Control Register - Byte 0 (Address = 0x0583)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Transmit
UTOPIA
Level 3
Enable
Multi-PHY
Polling
Enable
Back to Back
Polling
Enable
Direct Sta-
tus Indication
Enable
Transmit UTOPIA Data Bus
Width
Cell Size[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
1
1
0
0
1
1
1
1
BIT NUMBER
NAME
TYPE
DESCRIPTION
7
Transmit UTOPIA Level 3
Enable
R/W
Transmit UTOPIA Level 3 Enable:
This READ/WRITE bit-field configures the Transmit UTOPIA
Interface block to operate in either the UTOPIA Level 1 or 2 or
UTOPIA Level 3 Mode as described below.
0 - Configures the Transmit UTOPIA Interface block to operate in
the UTOPIA Level 1 or 2 Mode.
1 - Configures the Transmit UTOPIA Interface block to operate in
the UTOPIA Level 3 Mode.
NOTE:
This particular bit-field only configures the Transmit
UTOPIA Interface block.
The user must set Bit 7
(UTOPIA Level 3 Enable) within the Receive UTOPIA
Control Register - Byte 0 (Address = 0x0503) in order to
configure the Receive UTOPIA Interface block into the
appropriate UTOPIA Level).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com