Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 80 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 80 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 76Page - Exar Corporation XRT79L71IB Datasheet HTML 77Page - Exar Corporation XRT79L71IB Datasheet HTML 78Page - Exar Corporation XRT79L71IB Datasheet HTML 79Page - Exar Corporation XRT79L71IB Datasheet HTML 80Page - Exar Corporation XRT79L71IB Datasheet HTML 81Page - Exar Corporation XRT79L71IB Datasheet HTML 82Page - Exar Corporation XRT79L71IB Datasheet HTML 83Page - Exar Corporation XRT79L71IB Datasheet HTML 84Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 434 page
background image
XRT79L71
71
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION
REV. 1.0.0
BIT NUMBER
NAME
TYPE
DESCRIPTION
7
TxOHSrc
R/W
Transmit Overhead Bit Source:
This READ/WRITE bit-field permits the user to configure the
Transmit DS3/E3 Framer block to accept and insert overhead
bits/bytes which are input via the Transmit Payload Data Input
Interface block, as indicated below
.0 - No overhead bit insertion will occur. Overhead bits/bytes are
internally generated by the Transmit DS3/E3 Framer block.
1 - Overhead bit insertion will occur. In this case, the overhead
bits/byte data is accepted from the Transmit Payload Data Input
Interface block.
NOTE: This register bit applies to all framing formats that are
supported by the Transmit DS3/E3 Framer block.
6 - 5
Unused
R/O
4
RxPRBS Lock
R/O
PRBS Lock Indicator:
This READ-ONLY bit-field indicates whether or not the PRBS
Receiver (within the XRT79L71) has acquired PRBS Lock with
the payload data of the incoming DS3 or E3 data stream.
0 - PRBS Receiver does not have PRBS Lock with the incoming
data stream.
1 - PRBS Receiver does have PRBS Lock with the incoming
data stream.
3
RxPRBS Enable
R/W
Receive PRBS Enable:
This READ/WRITE bit-field permits the user to either enable or
disable the PRBS Receiver within the Receive DS3/E3 Framer
block. Once the user enables the PRBS Receiver, then it will
proceed to attempt to acquire and maintain pattern (or PRBS
Lock) within the payload bits, within the incoming DS3 or E3 data
stream.
0 - Disables the PRBS Receiver.
1 - Enables the PRBS Receiver.
2
TxPRBS Enable
R/W
Transmit PRBS Enable:
This READ/WRITE bit-field permits the user to either enable or
disable the PRBS Generator within the Transmit DS3/E3 Framer
block. Once the user enables the PRBS Generator block, then it
will proceed to insert a PRBS pattern into the payload bits, within
the outbound DS3 or E3 data stream.
0 - Disables the PRBS Generator.
1 - Enables the PRBS Generator.
1 - 0
Unused
R/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com