Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 47 Page - Exar Corporation

Part # XRT79L71IB
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 47 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 43Page - Exar Corporation XRT79L71IB Datasheet HTML 44Page - Exar Corporation XRT79L71IB Datasheet HTML 45Page - Exar Corporation XRT79L71IB Datasheet HTML 46Page - Exar Corporation XRT79L71IB Datasheet HTML 47Page - Exar Corporation XRT79L71IB Datasheet HTML 48Page - Exar Corporation XRT79L71IB Datasheet HTML 49Page - Exar Corporation XRT79L71IB Datasheet HTML 50Page - Exar Corporation XRT79L71IB Datasheet HTML 51Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 434 page
background image
XRT79L71
38
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION
0
General Purpose Pin
Direction - GPIO_0
R/W
General Purpose Pin Direction - GPIO_0:
This READ/WRITE bit-field permits the user to define the Gen-
eral Purpose I/O Pin, GPIO_0 (Pin T7) as either in Input pin or
an Output pin, as described below.0 - Configures GPIO_0 (Pin
T7) to function as an input pin.1 - Configures GPIO_0 (Pin T7) to
function as an output pin.
NOTES:
1. If GPIO_0 is configured to function as an input pin, then
the user can monitor the state of this input pin by
reading out the state of Bit 0 (General Purpose Data[0])
within the Operation General Purpose Pin Data
Register (Address = 0x0147).
2. If GPIO_0 is configured to function as an output pin,
then the user can control the state of this output pin by
writing the appropriate value into Bit 0 (General
Purpose Data[0]) within the Operation General Purpose
Pin Data Register (Address =0x0147).
BIT NUMBER
NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com